Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE0 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7LITE0
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE0 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7LITE0 Datasheet HTML 114Page - STMicroelectronics ST7LITE0 Datasheet HTML 115Page - STMicroelectronics ST7LITE0 Datasheet HTML 116Page - STMicroelectronics ST7LITE0 Datasheet HTML 117Page - STMicroelectronics ST7LITE0 Datasheet HTML 118Page - STMicroelectronics ST7LITE0 Datasheet HTML 119Page - STMicroelectronics ST7LITE0 Datasheet HTML 120Page - STMicroelectronics ST7LITE0 Datasheet HTML 121Page - STMicroelectronics ST7LITE0 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 122 page
background image
August 2003
118/122
Rev. 2.5
ERRATA SHEET
ST7LITE0, ST7SUPERLITE
LIMITATIONS AND CORRECTIONS
18 SILICON IDENTIFICATION
This section of the document refers to rev Y ST7FLITE0 and ST7FLITES2/S5 devices.
They are identifiable:
s
On the device package, by the last letter of the Trace code marked on the device package
s
On the box, by the last 3 digits of the Internal Sales Type printed on the box label.
Table 25. Device Identification
See also Figure 95
19 REFERENCE SPECIFICATION
Limitations in this document are with reference to the ST7LITE0, ST7SUPERLITE
Datasheet Revision 2.4 (August 2003).
20 SILICON LIMITATIONS
20.1 NEGATIVE INJECTION IMPACT ON ADC ACCURACY
Injecting a negative current on an analog input pins significantly reduces the accuracy of the
AD Converter. Whenever necessary, the negative injection should be prevented by the addi-
tion of a Schottky diode between the concerned I/Os and ground.
Injecting a negative current on digital input pins degrades ADC accuracy especially if per-
formed on a pin close to ADC channel in use.
Trace Code marked on device
Internal Sales Type on box label
Flash Devices:
“xxxxxxxxxY”
7FLITE09Y0M6$U5
7FLITE09Y0B6$U5
7FLITE05Y0M6$U5
7FLITE05Y0B6$U5
7FLITE02Y0M6$U5
7FLITE02Y0B6$U5
7FLITES5Y0M6$U5
7FLITES5Y0B6$U5
7FLITES2Y0M6$U5
7FLITES2Y0B6$U5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com