Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE25 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST7LITE25
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE25 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST7LITE25 Datasheet HTML 123Page - STMicroelectronics ST7LITE25 Datasheet HTML 124Page - STMicroelectronics ST7LITE25 Datasheet HTML 125Page - STMicroelectronics ST7LITE25 Datasheet HTML 126Page - STMicroelectronics ST7LITE25 Datasheet HTML 127Page - STMicroelectronics ST7LITE25 Datasheet HTML 128Page - STMicroelectronics ST7LITE25 Datasheet HTML 129Page - STMicroelectronics ST7LITE25 Datasheet HTML 130Page - STMicroelectronics ST7LITE25 Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 131 page
background image
ST7LITE2
129/131
16 IMPORTANT NOTES
16.1 EXECUTION OF BTJX INSTRUCTION
When testing the address $FF with the
"BTJT" or "BTJF" instructions, the CPU may
perform an incorrect operation when the rel-
ative jump is negative and performs an ad-
dress page change.
To avoid this issue, including when using a C
compiler, it is recommended to never use ad-
dress $00FF as a variable (using the linker
parameter for example).
16.2 ADC CONVERSION SPURIOUS RESULTS
Spurious conversions occur with a rate lower
than 50 per m illi on . S u ch con ve rs io ns
happen when the measured voltage is just
between 2 consecutive digital values.
Workaround
A software filter should be implemented to
remove erratic conversion results whenever
they may cause unwanted consequences.
16.3 A/ D CONVERTER ACCURACY FOR FIRST
CONVERSION
When the ADC is enabled after being pow-
ered down (for example when waking up
from HALT, ACTIVE-HALT or setting the
ADON bit in the ADCCSR register), the first
conversion (8-bit or 10-bit) accuracy does
not meet the accuracy specified in the da-
tasheet.
Workaround
In order to have the accuracy specified in the
datasheet, the first conversion after a ADC
switch-on has to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com