Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE29 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST7LITE29
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE29 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST7LITE29 Datasheet HTML 122Page - STMicroelectronics ST7LITE29 Datasheet HTML 123Page - STMicroelectronics ST7LITE29 Datasheet HTML 124Page - STMicroelectronics ST7LITE29 Datasheet HTML 125Page - STMicroelectronics ST7LITE29 Datasheet HTML 126Page - STMicroelectronics ST7LITE29 Datasheet HTML 127Page - STMicroelectronics ST7LITE29 Datasheet HTML 128Page - STMicroelectronics ST7LITE29 Datasheet HTML 129Page - STMicroelectronics ST7LITE29 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 131 page
background image
ST7LITE2
126/131
15.3 DEVELOPMENT TOOLS
STmicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
ª http//mcu.st.com.
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
STMicroelectronics Tools
Two types of development tool are offered by ST,
all of them connect to a PC via a parallel (LPT) or
USB port: see Table 25 and Table 26 for more de-
tails.
ST Emulators
The emulator is delivered with everything (probes,
TEB, adapters etc.) needed to start emulating the
devices. To configure the emulator to emulate dif-
ferent ST7 subfamily devices, the active probe for
the ST7 EMU3 can be changed and the ST7EMU3
probe is designed for easy interchange of TEBs
(Target Emulation Board). See Table 26 for more
details.
Table 25. STMicroelectronics Tools Features
Note:
1. In-Circuit Programming (ICP) interface for FLASH devices.
Table 26. Dedicated STMicroelectronics Development Tools
In-Circuit Emulation
Programming Capability1)
Software Included
ST7 EMU3 Emulator
Yes, powerful emulation
features including trace/
logic analyzer
No
ST7 CD-ROM with:
– ST7 Assembly toolchain
– STVD7 powerful Source Level
Debugger for Win 9x, Win 2000,
ME and NT4.0
– C compiler demo versions
– ST Realizer for Win 95.
Windows Programming Tools for
Win 9x, NT4.0, 2000 and ME
ST7 Programming Board No
Yes (All packages)
Supported Products ST7 Development Kit
ST7 Emulator
Active Probe
& TEB
ST7 Programming Board
ST7FLITE20
ST7FLITE25
ST7FLITE29
N/A
ST7MDT10-EMU3
ST7MDT10-TEB
ST7MDT10-EPB/EU
ST7MDT10-EPB/US
ST7MDT10-EPB/UK
ST7-STICK/EU
ST7-STICK/US
ST7-STICK/UK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com