Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE05 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7LITE05
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE05 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7LITE05 Datasheet HTML 99Page - STMicroelectronics ST7LITE05 Datasheet HTML 100Page - STMicroelectronics ST7LITE05 Datasheet HTML 101Page - STMicroelectronics ST7LITE05 Datasheet HTML 102Page - STMicroelectronics ST7LITE05 Datasheet HTML 103Page - STMicroelectronics ST7LITE05 Datasheet HTML 104Page - STMicroelectronics ST7LITE05 Datasheet HTML 105Page - STMicroelectronics ST7LITE05 Datasheet HTML 106Page - STMicroelectronics ST7LITE05 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
ST7LITE0, ST7SUPERLITE
103/122
ADC CHARACTERISTICS (Cont’d)
13.11.0.1 General PCB Design Guidelines
To obtain best results, some general design and
layout rules should be followed when designing
the application PCB to shield the noise-sensitive,
analog physical interface from noise-generating
CMOS logic signals.
– Properly place components and route the signal
traces on the PCB to shield the analog inputs.
Analog signals paths should run over the analog
ground plane and be as short as possible. Isolate
analog signals from digital signals that may
switch while the analog inputs are being sampled
by the A/D converter. Do not toggle digital out-
puts on the same I/O port as the A/D input being
converted.
ADC Accuracy
TA = -40°C to 85°C, unless otherwise specified
Notes:
1) Data based on characterization results over the whole temperature range, monitored in production.
2) Injecting negative current on any of the analog input pins significantly reduces the accuracy of any conversion being
performed on any analog input.
Analog pins can be protected against negative injection by adding a Schottky diode (pin to ground). Injecting negative
current on digital input pins degrades ADC accuracy especially if performed on a pin close to the analog input pins.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.8 does not affect the ADC
accuracy.
Symbol
Parameter
Conditions
Typ
Max
Unit
ET
Total unadjusted error 2)
fCPU=4MHz, fADC=2MHz ,VDD=5.0V
±1
LSB
EO
Offset error 2)
-0.5 / +1
EG
Gain Error 2)
±1
ED
Differential linearity error 2)
±11)
EL
Integral linearity error 2)
±11)
ET
Total unadjusted error 2)
fCPU=8MHz, fADC=4MHz ,VDD=5.0V
±2
LSB
EO
Offset error 2)
-0.5 / 3.5
EG
Gain Error 2)
-2 / 0
ED
Differential linearity error 2)
±11)
EL
Integral linearity error 2)
±11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com