Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE05 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST7LITE05
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE05 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST7LITE05 Datasheet HTML 107Page - STMicroelectronics ST7LITE05 Datasheet HTML 108Page - STMicroelectronics ST7LITE05 Datasheet HTML 109Page - STMicroelectronics ST7LITE05 Datasheet HTML 110Page - STMicroelectronics ST7LITE05 Datasheet HTML 111Page - STMicroelectronics ST7LITE05 Datasheet HTML 112Page - STMicroelectronics ST7LITE05 Datasheet HTML 113Page - STMicroelectronics ST7LITE05 Datasheet HTML 114Page - STMicroelectronics ST7LITE05 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 122 page
background image
ST7LITE0, ST7SUPERLITE
111/122
15.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the FASTROM con-
tents and the list of the selected options (if any).
The FASTROM contents are to be sent on dis-
kette, or by electronic means, with the S19 hexa-
decimal file generated by the development tool. All
unused bytes must be set to FFh. The selected op-
tions are communicated to STMicroelectronics us-
ing the correctly completed OPTION LIST append-
ed.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 22. Supported part numbers
Note 1: available without Operational Amplifier
Note 2: available with Operational Amplifier
Part Number
Program
Memory
(Bytes)
Data
EEPROM
(Bytes)
RAM
(Bytes)
ADC
Temp.
Range
Package
ST7FLITES2Y0B6
1K FLASH
-
128
-
-40°C +85°C
DIP16
ST7FLITES2Y0M6
-
-
SO16
ST7FLITES5Y0B6
-
yes 1)
DIP16
ST7FLITES5Y0M6
-
yes 1)
SO16
ST7PLITES2Y0B6
1K FASTROM
-
128
-
-40°C +85°C
DIP16
ST7PLITES2Y0M6
-
-
SO16
ST7PLITES5Y0B6
-
yes 1)
DIP16
ST7PLITES5Y0M6
-
yes 1)
SO16
ST7FLITE02Y0B6
1.5K FLASH
-
128
-
-40°C +85°C
DIP16
ST7FLITE02Y0M6
-
-
SO16
ST7FLITE05Y0B6
-
yes 2)
DIP16
ST7FLITE05Y0M6
-
yes 2)
SO16
ST7FLITE09Y0B6
128
yes 2)
DIP16
ST7FLITE09Y0M6
128
yes 2)
SO16
ST7PLITE02Y0B6
1.5K FASTROM
-
128
-
-40°C +85°C
DIP16
ST7PLITE02Y0M6
-
-
SO16
ST7PLITE05Y0B6
-
yes 2)
DIP16
ST7PLITE05Y0M6
-
yes 2)
SO16
ST7PLITE09Y0B6
128
yes 2)
DIP16
ST7PLITE09Y0M6
128
yes 2)
SO16
Contact ST sales office for product availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com