Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE09 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST7LITE09
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE09 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST7LITE09 Datasheet HTML 114Page - STMicroelectronics ST7LITE09 Datasheet HTML 115Page - STMicroelectronics ST7LITE09 Datasheet HTML 116Page - STMicroelectronics ST7LITE09 Datasheet HTML 117Page - STMicroelectronics ST7LITE09 Datasheet HTML 118Page - STMicroelectronics ST7LITE09 Datasheet HTML 119Page - STMicroelectronics ST7LITE09 Datasheet HTML 120Page - STMicroelectronics ST7LITE09 Datasheet HTML 121Page - STMicroelectronics ST7LITE09 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
ERRATA SHEET
119/122
20.2 ADC CONVERSION SPURIOUS RESULTS
Spurious conversions occur with a rate lower than 50 per million. Such conversions happen
when the measured voltage is just between 2 consecutive digital values.
Workaround
A software filter should be implemented to remove erratic conversion results whenever they
may cause unwanted consequences.
20.3 FUNCTIONAL ESD SENSITIVITY
The ST7LITE0 and ST7SUPERLITE, when configured with High or Medium LVD threshold,
are below the STMicroelectronics functional sensitivity standard. When positive stress is in-
jected on I/Os, the LVD reset is activated, but normal operation resumes after reset.
As a consequence, the application should be well protected against ESD. The firmware may
also be designed to allow warm reset, as described in EMC application note AN1015, allowing
the application to resume normal operation after a reset.
This does not affect ESD absolute maximum ratings: the ST7LITE0 and ST7SUPERLITE
meet STMicroelectronics standards concerning ESD levels that may cause damage to the sil-
icon. Devices configured without LVD and with the Low LVD threshold level are not impacted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com