Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51AC2-RLSI-M Datasheet(PDF) 102 Page - ATMEL Corporation

Part # T89C51AC2-RLSI-M
Description  8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-RLSI-M Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button T89C51AC2-RLSI-M Datasheet HTML 98Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 99Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 100Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 101Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 102Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 103Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 104Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 105Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
102
Draft.A - March 30, 2001
Preview - Confidential
T89C51AC2
18. Electrical Characteristics
18.1. Absolute Maximum Ratings (1)
Ambiant Temperature Under Bias:
I = industrial -40
°Cto85°C
Storage Temperature -65
°Cto+150°C
Voltage on VCC to VSS-0.5Vto+6V
Voltage on Any Pin to VSS-0.5VtoVCC + 0.2 V
Power Dissipation 1 W(2)
NOTES
1.
Stresses at or above those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions may affect device reliability.
2.
This value is based on the maximum allowable die temperature and the thermal resistance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com