Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51AC2-RLSI-M Datasheet(PDF) 108 Page - ATMEL Corporation

Part # T89C51AC2-RLSI-M
Description  8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-RLSI-M Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button T89C51AC2-RLSI-M Datasheet HTML 104Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 105Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 106Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 107Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 108Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 109Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 110Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 111Page - ATMEL Corporation T89C51AC2-RLSI-M Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
108
Draft.A - March 30, 2001
Preview - Confidential
T89C51AC2
18.4.3. External Program Memory Read Cycle
Table 28. AC Parameters for a Variable Clock
Symbol
Type
Standard
Clock
X2 Clock
X parameter
Units
TLHLL
Min
2 T - x
T - x
10
ns
TAVLL
Min
T - x
0.5 T - x
15
ns
TLLAX
Min
T - x
0.5 T - x
15
ns
TLLIV
Max
4 T - x
2 T - x
30
ns
TLLPL
Min
T - x
0.5 T - x
10
ns
TPLPH
Min
3 T - x
1.5 T - x
20
ns
TPLIV
Max
3 T - x
1.5 T - x
40
ns
TPXIX
Min
x
x
0
ns
TPXIZ
Max
T - x
0.5 T - x
7
ns
TAVIV
Max
5 T - x
2.5 T - x
40
ns
TPLAZ
Max
x
x
10
ns
TPLIV
TPLAZ
ALE
PSEN
PORT 0
PORT 2
A0-A7
A0-A7
INSTR IN
INSTR IN
INSTR IN
ADDRESS
OR SFR-P2
ADDRESS A8-A15
ADDRESS A8-A15
12 TCLCL
TAVIV
TLHLL
TAVLL
TLLIV
TLLPL
TPLPH
TPXAV
TPXIX
TPXIZ
TLLAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com