Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72334J2TC/XXX Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST72334J2TC/XXX
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2TC/XXX Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST72334J2TC/XXX Datasheet HTML 140Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 141Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 142Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 143Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 144Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 145Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 146Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 147Page - STMicroelectronics ST72334J2TC/XXX Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
144/150
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
17.3 TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file in .S19
format generated by the development tool. All un-
used bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly completed OP-
TION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 101. ROM Factory Coded Device Types
Figure 102. Flash User Programmable Device Types
DEVICE PACKAGE TEMP. RANGE
XXX
/
Code name (defined by STMicroelectronics)
A = -40 to +85°C
B = -40 to +105°C
C = -40 to +125°C
T = Plastic TQFP
ST72334J2, ST72334J4, ST72334N2, ST72334N4,
ST72314J2, ST72314J4, ST72314N2, ST72314N4,
ST72124J2
DEVICE PACKAGE TEMP. RANGE
A = -40 to +85°C
C = -40 to +125°C
T = Plastic TQFP
ST72C334J2, ST72C334J4, ST72C334N2, ST72C334N4,
ST72C314J2, ST72C314J4, ST72C314N2, ST72C314N4,
ST72C124J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com