Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7F10BF1B3 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST7F10BF1B3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B3 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST7F10BF1B3 Datasheet HTML 118Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 119Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 120Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 121Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 122Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 123Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 124Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 125Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 159 page
background image
ST7LITE1xB
122/159
Figure 73. Typical IDD in SLOW vs. fCPU
Figure 74. Typical IDD in WAIT vs. fCPU
Figure 75. Typical IDD in WAIT at fCPU= 8MHz
Figure 76. Typical IDD in SLOW-WAIT vs. fCPU
Figure 77. Typical IDD vs. Temperature
at VDD = 5V and fCPU = 8MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
6
5
4
3.3
2.7
VDD (V)
250KHz
125KHz
62KHz
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
0.5
1
1.5
2
2.5
3
3.5
4
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
0.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
0.5
1
1.5
2
2.5
3
3.5
4
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
0.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
6
5
4
3.3
2.7
VDD (V)
250KHz
125KHz
62KHz
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-45
25
90
110
Temperature (°C)
RUN
WAIT
SLOW
SLOW-WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com