Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7F10BF1B3 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST7F10BF1B3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B3 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST7F10BF1B3 Datasheet HTML 146Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 147Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 148Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 149Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 150Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 151Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 152Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 153Page - STMicroelectronics ST7F10BF1B3 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 159 page
background image
ST7LITE1xB
150/159
OPTION BYTES (Cont’d)
OPTION BYTE 1
OPT7 = PLLx4x8 PLL Factor selection.
0: PLLx4
1: PLLx8
OPT6 = PLLOFF PLL disable.
0: PLL enabled
1: PLL disabled (by-passed)
OPT5 = PLL32OFF 32MHz PLL disable.
0: PLL32 enabled
1: PLL32 disabled (by-passed)
OPT4 = OSC RC Oscillator selection
0: RC oscillator on
1: RC oscillator off
Notes:
– 1% RC oscillator available on ST7LITE15B and
ST7LITE19B devices only
– If the RC oscillator is selected, then to improve
clock stability and frequency accuracy, it is rec-
ommended to place a decoupling capacitor, typ-
ically 100nF, between the VDD and VSS pins as
close as possible to the ST7 device.
OPT3:2 = LVD[1:0] Low voltage detection selec-
tion
These option bits enable the LVD block with a se-
lected threshold as shown in Table 26.
Table 26. LVD Threshold Configuration
OPT1 = WDG SW Hardware or Software
Watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT0 = WDG HALT Watchdog Reset on Halt
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
Table 27. List of valid option combinations
Note 1: Configuration available on ST7LITE15B and ST7LITE19B devices only
Note: see Clock Management Block diagram in Figure 14
Configuration
LVD1 LVD0
LVD Off
11
Highest Voltage Threshold (
∼4.1V)
10
Medium Voltage Threshold (
∼3.5V)
01
Lowest Voltage Threshold (
∼2.8V)
00
Operating conditions
Option Bits
VDD range
Clock Source
PLL
Typ fCPU
OSC
PLLOFF
PLLx4x8
2.7V - 3.3V
Internal RC 1%1)
off
1MHz @3.3V
0
1
1
x4
4MHz @3.3V
0
0
0
x8
-
-
-
-
External clock
off
0-4MHz
1
1
1
x4
4MHz
1
0
0
x8
-
-
-
-
3.3V - 5.5V
Internal RC 1% 1)
off
1MHz @5V
0
1
1
x4
-
-
-
-
x8
8MHz @5V
0
0
1
External clock
off
0-8MHz
1
1
1
x4
-
-
-
-
x8
8 MHz
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com