Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 913 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 913 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 909Page - Renesas Technology Corp HD6432351 Datasheet HTML 910Page - Renesas Technology Corp HD6432351 Datasheet HTML 911Page - Renesas Technology Corp HD6432351 Datasheet HTML 912Page - Renesas Technology Corp HD6432351 Datasheet HTML 913Page - Renesas Technology Corp HD6432351 Datasheet HTML 914Page - Renesas Technology Corp HD6432351 Datasheet HTML 915Page - Renesas Technology Corp HD6432351 Datasheet HTML 916Page - Renesas Technology Corp HD6432351 Datasheet HTML 917Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 913 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 879 of 988
REJ09B0330-0300
PORT1—Port 1 Register
H'FF50
Port 1
7
P17
—*
R
6
P16
—*
R
5
P15
—*
R
4
P14
—*
R
3
P13
—*
R
0
P10
—*
R
2
P12
—*
R
1
P11
—*
R
Note: * Determined by the state of pins P17 to P10.
State of port 1 pins
Bit
Initial value
Read/Write
:
:
:
PORT2—Port 2 Register
H'FF51
Port 2
7
P27
—*
R
6
P26
—*
R
5
P25
—*
R
4
P24
—*
R
3
P23
—*
R
0
P20
—*
R
2
P22
—*
R
1
P21
—*
R
State of port 2 pins
Note: * Determined by the state of pins P27 to P20.
Bit
Initial value
Read/Write
:
:
:
PORT3—Port 3 Register
H'FF52
Port 3
7
—
Undefined
—
6
—
Undefined
—
5
P35
—*
R
4
P34
—*
R
3
P33
—*
R
0
P30
—*
R
2
P32
—*
R
1
P31
—*
R
State of port 3 pins
Note: * Determined by the state of pins P35 to P30.
Bit
Initial value
Read/Write
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com