Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 943 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 943 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 939Page - Renesas Technology Corp HD6432351 Datasheet HTML 940Page - Renesas Technology Corp HD6432351 Datasheet HTML 941Page - Renesas Technology Corp HD6432351 Datasheet HTML 942Page - Renesas Technology Corp HD6432351 Datasheet HTML 943Page - Renesas Technology Corp HD6432351 Datasheet HTML 944Page - Renesas Technology Corp HD6432351 Datasheet HTML 945Page - Renesas Technology Corp HD6432351 Datasheet HTML 946Page - Renesas Technology Corp HD6432351 Datasheet HTML 947Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 943 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 909 of 988
REJ09B0330-0300
ADCSR—A/D Control/Status Register
H'FF98
A/D Converter
[Clearing conditions]
• When 0 is written to the ADF flag after reading ADF = 1
• When the DTC is activated by an ADI interrupt, and ADDR is read
7
ADF
0
R/(W)*
6
ADIE
0
R/W
5
ADST
0
R/W
4
SCAN
0
R/W
3
CKS
0
R/W
0
CH0
0
R/W
2
CH2
0
R/W
1
CH1
0
R/W
Note: * Can only be written with 0 for flag clearing.
0
1
Conversion time = 266 states (max.)
Conversion time = 134 states (max.)
Group Select
0
1
A/D conversion end interrupt (ADI) request disabled
A/D conversion end interrupt (ADI) request enabled
A/D Interrupt Enable
0
1
Single mode
Scan mode
Scan Mode
0
1
A/D conversion stopped
A/D Start
0
A/D End Flag
CH1
0
1
0
1
CH0
0
1
0
1
0
1
0
1
Single Mode
AN0
AN0, AN1
AN0 to AN2
AN0 to AN3
AN4
AN4, AN5
AN4 to AN6
AN4 to AN7
Channel Select
Bit
Initial value
Read/Write
:
:
:
• Single mode: A/D conversion is started. Cleared to 0
automatically when conversion ends
• Scan mode: A/D conversion is started. Conversion continues
sequentially on the selected channels until ADST is cleared to
0 by software, a reset, or transition to standby mode or
module stop mode
[Setting conditions]
• Single mode: When A/D conversion ends
• Scan mode: When one round of conversion has been performed on all specified channels
1
CH2
0
1
Group
select
Channel
select
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
Group Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com