Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 948 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 948 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 944Page - Renesas Technology Corp HD6432351 Datasheet HTML 945Page - Renesas Technology Corp HD6432351 Datasheet HTML 946Page - Renesas Technology Corp HD6432351 Datasheet HTML 947Page - Renesas Technology Corp HD6432351 Datasheet HTML 948Page - Renesas Technology Corp HD6432351 Datasheet HTML 949Page - Renesas Technology Corp HD6432351 Datasheet HTML 950Page - Renesas Technology Corp HD6432351 Datasheet HTML 951Page - Renesas Technology Corp HD6432351 Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 914 of 988
REJ09B0330-0300
TSTR—Timer Start Register
H'FFC0
TPU
7
—
0
—
6
—
0
—
5
CST5
0
R/W
4
CST4
0
R/W
3
CST3
0
R/W
0
CST0
0
R/W
2
CST2
0
R/W
1
CST1
0
R/W
Counter Start
0
1
TCNTn count operation is stopped
TCNTn performs count operation
Note: If 0 is written to the CST bit during operation with the TIOC pin designated for output, the
counter stops but the TIOC pin output compare output level is retained. If TIOR is written
to when the CST bit is cleared to 0, the pin output level will be changed to the set initial
output value.
Bit
Initial value
Read/Write
:
:
:
Note: n = 5 to 0
TSYR—Timer Synchro Register
H'FFC1
TPU
7
—
0
—
6
—
0
—
5
SYNC5
0
R/W
4
SYNC4
0
R/W
3
SYNC3
0
R/W
0
SYNC0
0
R/W
2
SYNC2
0
R/W
1
SYNC1
0
R/W
Timer Synchronization
0
1
TCNTn operates independently (TCNT presetting/
clearing is unrelated to other channels)
Notes:
To set synchronous operation, the SYNC bits for at least two channels must
be set to 1.
To set synchronous clearing, in addition to the SYNC bit , the TCNT clearing
source must also be set by means of bits CCLR2 to CCLR0 in TCR.
1.
2.
Bit
Initial value
Read/Write
:
:
:
TCNTn performs synchronous operation
TCNT synchronous presetting/synchronous clearing
is possible
Note: n = 5 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com