Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149YV Datasheet(PDF) 517 Page - Renesas Technology Corp

Part # HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Datasheet(HTML) 517 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 513Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 514Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 515Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 516Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 517Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 518Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 519Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 520Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 521Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 517 / 1075 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jan 18, 2006 page 489 of 1044
REJ09B0280-0300
Break Detection and Processing: When a framing error (FER) is detected, a break can be
detected by reading the RxD pin value directly. In a break, the input from the RxD pin becomes all
0s, and so the FER flag is set, and the parity error flag (PER) may also be set.
Note that, since the SCI continues the receive operation after receiving a break, even if the FER
flag is cleared to 0, it will be set to 1 again.
Sending a Break: The TxD pin has a dual function as an I/O port whose direction (input or
output) is determined by DR and DDR. This feature can be used to send a break.
Between serial transmission initialization and setting of the TE bit to 1, the mark state is replaced
by the value of DR (the pin does not function as the TxD pin until the TE bit is set to 1).
Consequently, DDR and DR for the port corresponding to the TxD pin should first be set to 1.
To send a break during serial transmission, first clear DR to 0, then clear the TE bit to 0.
When the TE bit is cleared to 0, the transmitter is initialized regardless of the current transmission
state, the TxD pin becomes an I/O port, and 0 is output from the TxD pin.
Receive Error Flags and Transmit Operations (Synchronous Mode Only):
Transmission cannot be started when a receive error flag (ORER, PER, or FER) is set to 1, even if
the TDRE flag is cleared to 0. Be sure to clear the receive error flags to 0 before starting
transmission.
Note also that receive error flags cannot be cleared to 0 even if the RE bit is cleared to 0.
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode:
In asynchronous mode, the SCI operates on a base clock with a frequency of 16 times the transfer
rate.
In reception, the SCI samples the falling edge of the start bit using the base clock, and performs
internal synchronization. Receive data is latched internally at the rising edge of the 8th pulse of the
base clock. This is illustrated in figure 15.23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com