Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149YV Datasheet(PDF) 1004 Page - Renesas Technology Corp

Part # HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Datasheet(HTML) 1004 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 1000Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1001Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1002Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1003Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1004Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1005Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1006Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1007Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1008Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1075 page
background image
Appendix B Internal I/O Registers
Rev. 3.00 Jan 18, 2006 page 976 of 1044
REJ09B0280-0300
TCSR1—Timer Control/Status Register 1
H'FFEA
WDT1
7
OVF
0
R/(W)*1
6
WT/
IT
0
R/W
5
TME
0
R/W
4
PSS
0
R/W
3
RST/
NMI
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Bit
Initial value
Read/Write
TCSR1
Clock select 2 to 0
PSS
0
1
Clock
CKS2
0
1
0
1
CKS1
0
1
0
1
0
1
0
1
CKS0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Notes: 1.
2.
φ/2
φ/64
φ/128
φ/512
φ/2048
φ/8192
φ/32768
φ/131072
φ
SUB/2
φ
SUB/4
φ
SUB/8
φ
SUB/16
φ
SUB/32
φ
SUB/64
φ
SUB/128
φ
SUB/256
Reset or NMI
0
NMI interrupt requested
1
Internal reset requested
Prescaler select*2
0
TCNT counts on a ø-based prescaler (PSM) divided clock pulses
1
TCNT counts on a øSUB-based prescaler (PSS) divided clock pulses
Timer enable
0
TCNT is initialized to H'00 and halted
1
TCNT counts
Timer mode select
0
Interval timer mode: Interval timer interrupt request (WOVI) sent to CPU
when TCNT overflows
1
Watchdog timer mode: Reset or NMI interrupt request sent to CPU when
TCNT overflows
RESO pin output goes low simultaneously (when internal reset is selected)
Overflow flag
0
[Clearing conditions]
• When 0 is written in the TME bit
• When 0 is written in OVF after reading TCSR when OVF = 1
1
[Setting condition]
When TCNT overflows from H'FF to H'00
When internal reset request is selected in watchdog timer mode, OVF is cleared
automatically by an internal reset after being set
Only 0 can be written, to clear the flag.
For operation control when a transition is made to power-down mode, see section 24.2.3, Timer Control/Status Register (TCSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com