Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K04F2 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M38K04F2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K04F2 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M38K04F2 Datasheet HTML 124Page - Renesas Technology Corp M38K04F2 Datasheet HTML 125Page - Renesas Technology Corp M38K04F2 Datasheet HTML 126Page - Renesas Technology Corp M38K04F2 Datasheet HTML 127Page - Renesas Technology Corp M38K04F2 Datasheet HTML 128Page - Renesas Technology Corp M38K04F2 Datasheet HTML 129Page - Renesas Technology Corp M38K04F2 Datasheet HTML 130Page - Renesas Technology Corp M38K04F2 Datasheet HTML 131Page - Renesas Technology Corp M38K04F2 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 328 page
background image
FUNCTIONAL DESCRIPTION SUPPLEMENT
Rev.2.00
Oct 05, 2006
page 111 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
A/D Converter
A/D conversion is started by setting AD conversion completion bit to
“0.” During A/D conversion, internal operations are performed as fol-
lows.
1. After the start of A/D conversion, AD conversion register goes to
“0016.”
2. The highest-order bit of AD conversion register is set to “1,” and
the comparison voltage Vref is input to the comparator. Then, Vref
is compared with analog input voltage VIN.
3. As a result of comparison, when Vref < VIN, the highest-order bit
of AD conversion register becomes “1.” When Vref > VIN, the
highest-order bit becomes “0.”
By repeating the above operations up to the lowest-order bit of the
AD conversion register, an analog value converts into a digital
value.
A/D conversion completes at 122 clock cycles (15.25
µs at system
clock = 8 MHz, Through mode) after it is started, and the result of
the conversion is stored into the AD conversion register.
Concurrently with the completion of A/D conversion, A/D conversion
interrupt request occurs, so that the AD conversion interrupt request
bit is set to “1.”
✽1–✽10: A result of the first comparison to the tenth comparison
Table 16 Change of AD conversion register during A/D conversion
At start of conversion
First comparison
Second comparison
Third comparison
After completion of tenth
comparison
0
A result of A/D conversion
✽
1
Change of AD conversion register
0
±
Value of comparison voltage (Vref)
VREF
2
VREF
2
VREF
4
±
VREF
2
VREF
4
±
VREF
8
±
VREF
2
VREF
4
±
VREF
1024
± • • • •
0
0
00
0
0
00
1
0
0
00
0
0
0
0
0
10
0
0
0
0
00
0
✽
1 ✽2
00
0
0
0
0
0
1
✽
1 ✽2 ✽3 ✽4 ✽5 ✽6 ✽7 ✽8 ✽9 ✽10
Table 15 Relative formula for a reference voltage VREF of A/D
converter and Vref
VREF
1024
When n = 0
Vref = 0
When n = 1 to 1023
Vref =
✕ n
n: Value of A/D converter (decimal numeral)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com