Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K04F2 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # M38K04F2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K04F2 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button M38K04F2 Datasheet HTML 156Page - Renesas Technology Corp M38K04F2 Datasheet HTML 157Page - Renesas Technology Corp M38K04F2 Datasheet HTML 158Page - Renesas Technology Corp M38K04F2 Datasheet HTML 159Page - Renesas Technology Corp M38K04F2 Datasheet HTML 160Page - Renesas Technology Corp M38K04F2 Datasheet HTML 161Page - Renesas Technology Corp M38K04F2 Datasheet HTML 162Page - Renesas Technology Corp M38K04F2 Datasheet HTML 163Page - Renesas Technology Corp M38K04F2 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 31 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
(3)
Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 6 MHz into about 2 kHz (2038
Hz), is output from the P51/CNTR0 pin.
•The level of the P51/CNTR0 pin is fixed to “H” while a piezoelectric buzzer output
stops.
Figure 2.3.13 shows a peripheral circuit example, and Figure 2.3.14 shows the timers connection and
setting of division ratios. Figures 2.3.15 shows the related registers setting, and Figure 2.3.16 shows
the control procedure.
Fig. 2.3.13 Peripheral circuit example
Fig. 2.3.14 Timers connection and setting of division ratios
38K0 Group
P51/CNTR0
PiPiPi.....
245
µs
CNTR0
output
The “H” level is output while a piezoelectric buzzer output stops.
245
µs
Set a division ratio so that the
underflow output period of the timer X
can be 245
µs.
1/16
1/92
1/2
CNTR0
1
f(XIN) = 6 MHz
Fixed
Prescaler X
Timer X
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com