Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 367Page - Renesas Technology Corp M16C/62A Datasheet HTML 368Page - Renesas Technology Corp M16C/62A Datasheet HTML 369Page - Renesas Technology Corp M16C/62A Datasheet HTML 370Page - Renesas Technology Corp M16C/62A Datasheet HTML 371Page - Renesas Technology Corp M16C/62A Datasheet HTML 372Page - Renesas Technology Corp M16C/62A Datasheet HTML 373Page - Renesas Technology Corp M16C/62A Datasheet HTML 374Page - Renesas Technology Corp M16C/62A Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-54
Following are some examples in which various functions (a) through (g) are selected:
_______
• Transmission Operation WITH: CTS function, transmission at falling edge of transfer clock, LSB
First, interrupt at instant transmission buffer is emptied; WITHOUT transfer clock output to multiple
pins function ........................................................................................................................... P2-60
_______ _______
• Transmission Operation WITH: CTS/RTS function disabled, transmission at falling edge of transfer
clock, LSB First, interrupt at instant transmission is completed; WITH transfer clock output to mul-
tiple pins function (UART0 selection available) ...................................................................... P2-64
_______
• Reception WITH: RTS function, reception at falling edge of transfer clock, LSB First, successive
reception mode disabled; WITHOUT transfer clock output to multiple pins function ............. P2-68
(6) Input to the serial I/O and the direction register
To input an external signal to the serial I/O, set the direction register of the relevant port to input.
(7) Pins related to the serial I/O
_______
________
________
• CTS0, CTS1, CTS2 pins
_______
Input pins for the CTS function
________
________
________
• RTS0, RTS1, RTS2 pins
_______
Output pins for the RTS function
• CLK0, CLK1, CLK2 pins
Input/output pins for the transfer clock
• RxD0, RxD1, RxD2 pins
Input pins for data
• TxD0, TxD1, TxD2 pins
Output pins for data (Since TXD2 pin is N-channel open drain, this pin
needs pull-up resistor.)
• CLKS1 pin
Output pin for transfer clock. Can be used as transfer clock output pin in
the transfer clock output to multiple pins function.
(8) Registers related to the serial I/O
Figure 2.4.1 shows the memory map of serial I/O-related registers, and Figures 2.4.2 to 2.4.6 show
serial I/O-related registers.
Figure 2.4.1. Memory map of serial I/O-related registers
UART0 transmit/receive mode register (U0MR)
UART0 transmit buffer register (U0TB)
UART0 receive buffer register (U0RB)
UART1 transmit/receive mode register (U1MR)
UART1 transmit buffer register (U1TB)
UART1 receive buffer register (U1RB)
UART0 bit rate generator (U0BRG)
UART0 transmit/receive control register 0 (U0C0)
UART0 transmit/receive control register 1 (U0C1)
UART1 bit rate generator (U1BRG)
UART1 transmit/receive control register 0 (U1C0)
UART1 transmit/receive control register 1 (U1C1)
UART transmit/receive control register 2 (UCON)
03A016
03A116
03A216
03A316
03A416
03A516
03A616
03A716
03A816
03A916
03AA16
03AB16
03AC16
03AD16
03AE16
03AF16
03B016
03B116
004F16
005016
005116
005216
005316
005416
UART0 transmit interrupt control register (S0TIC)
UART0 receive interrupt control register (S0RIC)
UART1 transmit interrupt control regster(S1TIC)
UART1 receive interrupt control register(S1RIC)
UART2 transmit interrupt control register (S2TIC)
UART2 receive interrupt control register (S2RIC)
UART2 transmit/receive mode register (U2MR)
UART2 transmit buffer register (U2TB)
UART2 receive buffer register (U2RB)
UART2 bit rate generator (U2BRG)
UART2 transmit/receive control register 0 (U2C0)
UART2 transmit/receive control register 1 (U2C1)
037816
037916
037A16
037B16
037C16
037D16
037E16
037F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com