Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 401Page - Renesas Technology Corp M16C/62A Datasheet HTML 402Page - Renesas Technology Corp M16C/62A Datasheet HTML 403Page - Renesas Technology Corp M16C/62A Datasheet HTML 404Page - Renesas Technology Corp M16C/62A Datasheet HTML 405Page - Renesas Technology Corp M16C/62A Datasheet HTML 406Page - Renesas Technology Corp M16C/62A Datasheet HTML 407Page - Renesas Technology Corp M16C/62A Datasheet HTML 408Page - Renesas Technology Corp M16C/62A Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-88
In receiving data in UART mode, choose functions from those listed in Table 2.5.5. Operations of the
circled items are described below. Figure 2.5.11 shows the operation timing, and Figures 2.5.12 and
2.5.13 show the set-up procedures.
2.5.3 Operation of Serial I/O (reception in UART mode)
Table 2.5.5. Choosed functions
Item
Set-up
Transfer clock
source
(Note 1)
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
RTS function
RTS function enabled
RTS function disabled
O
O
Sleep mode
(Note 1)
Sleep mode off
Sleep mode selected
O
Item
Set-up
Data logic select
function
(Note 2)
No reverse
Reverse
O
TXD, RXD I/O
polarity reverse bit
(Note 2)
No reverse
Reverse
O
Bus collision
detection function
(Note 2)
O
Not selected
Selected
Note 1: UART0, UART1 only.
Note 2: UART2 only.
(1) Setting the receive enable bit to “1” readies data-receivable status. At this time, output from
________
the RTSi pin goes to “L” level to inform the transmission side that the receivable status is
ready.
(2) When the first bit (the start bit) of reception data is received from the RxDi pin, output from the
_______
RTS goes to “H” level. Then, data is received, bit by bit, in sequence: LSB, ····, MSB, and stop
bit(s).
(3) When the stop bit(s) is (are) received, the content of the UARTi receive register is transmitted
to the UARTi receive buffer register.
At this time, the receive complete flag goes to “1” to indicate that the reception is completed, the
_______
UARTi receive interrupt request bit goes to “1”, and output from the RTS pin goes to “H” level.
(4) The receive complete flag goes to “0” when the lower-order byte of the UARTi buffer register
is read.
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com