Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 451Page - Renesas Technology Corp M16C/62A Datasheet HTML 452Page - Renesas Technology Corp M16C/62A Datasheet HTML 453Page - Renesas Technology Corp M16C/62A Datasheet HTML 454Page - Renesas Technology Corp M16C/62A Datasheet HTML 455Page - Renesas Technology Corp M16C/62A Datasheet HTML 456Page - Renesas Technology Corp M16C/62A Datasheet HTML 457Page - Renesas Technology Corp M16C/62A Datasheet HTML 458Page - Renesas Technology Corp M16C/62A Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-138
• Differential non-linearity error
Differential non-linearity error refers to the difference between 1-LSB width based on the theoretical A-
D conversion characteristics (an analog input width that can meet the expectation of outputting an
equal code) and an actually measured 1-LSB width (analog input voltage width that outputs an equal
code). If 10-bit resolution is used and if VREF (reference voltage) = 5.12 V, “differential non-linearity
error =
± 1LSB” refers to the fact that 1-LSB width actually measured falls on a range from 0 mV to 10
mV though 1-LSB width based on the theoretical A-D conversion characteristics is 5 mV.
00016
00116
00216
00316
00416
00516
00616
0
Analog input voltage (mV)
Differential non-linear error
5
1015
20
25
3035
40
45
00716
00816
00916
Output code
(result of A-D conversion)
1LSB width for theoretical A-D
conversion characteristic
Figure 2.7.27. Differential non-linearity error (10-bit resolution)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com