Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 475Page - Renesas Technology Corp M16C/62A Datasheet HTML 476Page - Renesas Technology Corp M16C/62A Datasheet HTML 477Page - Renesas Technology Corp M16C/62A Datasheet HTML 478Page - Renesas Technology Corp M16C/62A Datasheet HTML 479Page - Renesas Technology Corp M16C/62A Datasheet HTML 480Page - Renesas Technology Corp M16C/62A Datasheet HTML 481Page - Renesas Technology Corp M16C/62A Datasheet HTML 482Page - Renesas Technology Corp M16C/62A Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 615 page
background image
Key-Input Interrupt
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-162
Figure 2.13.1. Memory map of key-input interrupt-related registers
2.13 Key-Input Interrupt Usage
Port P10 direction register (PD10)
Pull-up control register 2 (PUR2)
004D16
03F616
03FE16
Key input interrupt control register(KUPIC)
2.13.1 Overview of the key-input interrupt usage
Key-input interrupt occurs when a falling edge is input to P104 through P107. The following is an overview
of the key-input interrupt usage:
(1) Enabling/disabling the key-input interrupt
The key-input interrupt can be enabled and disabled using the key-input interrupt register. The key-
input interrupt is affected by the interrupt priority level (IPL) and the interrupt enable flag (I flag).
(2) Occurrence timing of the key-input interrupt
With key-input interrupt acceptance enabled, pins P104 through P107, which are set to input, become
_____
_____
key-input interrupt pins (KI0 through KI3). A key-input interrupt occurs when a falling edge is input to a
key-input interrupt pin. At this moment, the level of other key-input interrupt pins must be “H”. No
interrupt occurs when the level of other key-input interrupt pins is “L”.
(3) How to determine a key-input interrupt
A key-input interrupt occurs when a falling edge is input to one of four pins, but each pin has the same
vector address.
Therefore, read the input level of pins P104 through P107 in the key-input interrupt routine to deter-
mine the interrupted pin.
(4) Registers related to the key-input interrupt
Figure 2.13.1 shows the memory map of key-input interrupt-related registers, and Figure 2.13.2
shows key-input interrupt-related registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com