Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 489Page - Renesas Technology Corp M16C/62A Datasheet HTML 490Page - Renesas Technology Corp M16C/62A Datasheet HTML 491Page - Renesas Technology Corp M16C/62A Datasheet HTML 492Page - Renesas Technology Corp M16C/62A Datasheet HTML 493Page - Renesas Technology Corp M16C/62A Datasheet HTML 494Page - Renesas Technology Corp M16C/62A Datasheet HTML 495Page - Renesas Technology Corp M16C/62A Datasheet HTML 496Page - Renesas Technology Corp M16C/62A Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 615 page
background image
Power Control
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-176
Address
00000
Interrupt
information
BCLK
Address bus
Data bus
Indeterminate
SP-2
SP-4
vec
vec+2
Indeterminate
SP-2
contents
SP-4
contents
vec
contents
vec+2
contents
PC
Writing “1” to CM10
(all clock stop control bit)
Oscillation start-up
Stop mode
Interrupt sequence approximately 20 cycle (13µ sec)
(Single-chip mode, f(XIN) = 16MHz)
RD
WR
Indeterminate
Operated by divided-by-8 mode
INTi
Shown above is the case where the main clock is selected for BCLK. If the sub-clock is selected for BCLK,
the sub-clock functions as BCLK when restored from stop mode, with the main clock's divide ratio
unchanged.
Note:
(5) Sequence of returning from stop mode
Sequence of returning from stop mode is oscillation start-up time and interrupt sequence.
When interrupt is generated in stop mode, CM10 becomes “0” and clearing stop mode.
Starting oscillation and supplying BCLK execute the interrupt sequence as follow:
In the interrupt sequence, the processor carries out the following in sequence given:
(a) CPU gets the interrupt information (the interrupt number and interrupt request level) by read-
ing address 0000016. The interrupt request bit of the interrupt written in address 0000016 will
then be set to “0”.
(b) Saves the content of the flag register (FLG) as it was immediately before the start of interrupt
sequence in the temporary register (Note) within the CPU.
(c) Sets the interrupt enable flag (I flag), the debug flag (D flag), and the stack pointer assignment
flag (U flag) to “0” (the U flag, however does not change if the INT instruction, in software
interrupt numbers 32 through 63, is executed)
(d) Saves the content of the temporary register (Note) within the CPU in the stack area.
(e) Saves the content of the program counter (PC) in the stack area.
(f) Sets the interrupt priority level of the accepted instruction in the IPL.
Note: This register cannot be utilized by the user.
After the interrupt sequence is completed, the processor resumes executing instruc-
tions from the first address of the interrupt routine.
Figure 2.15.2 shows the sequence of returning from stop mode.
Figure 2.15.2. Sequence of returning from stop mode
(6) Registers related to power control
Figure 2.15.3 shows the memory map of power control-related registers, and Figure 2.15.4 shows
power control-related registers.
Figure 2.15.3. Memory map of power control-related registers
000616
000716
System clock control register 0 (CM0)
System clock control register 1 (CM1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com