Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 505Page - Renesas Technology Corp M16C/62A Datasheet HTML 506Page - Renesas Technology Corp M16C/62A Datasheet HTML 507Page - Renesas Technology Corp M16C/62A Datasheet HTML 508Page - Renesas Technology Corp M16C/62A Datasheet HTML 509Page - Renesas Technology Corp M16C/62A Datasheet HTML 510Page - Renesas Technology Corp M16C/62A Datasheet HTML 511Page - Renesas Technology Corp M16C/62A Datasheet HTML 512Page - Renesas Technology Corp M16C/62A Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-192
Timer A Applications
3.1 Long-Period Timers
Overview
Specifications
Operation
Figure 3.1.1. Operation timing of long-period timers
In this process, Timer A0 and Timer A1 are connected to make a 16-bit timer with a 16-bit
prescaler. Figure 3.1.1 shows the operation timing, Figure 3.1.2 shows the connection dia-
gram, and Figures 3.1.3 and 3.1.4 show the set-up procedure.
Use the following peripheral functions:
• Timer mode of timer A
• Event counter mode of timer A
(1) Set timer A0 to timer mode, and set timer A1 to event counter mode.
(2) Perform a count on count source f1 using timer A0 to count for 1 ms, and perform a count
on timer A0 using timer A1 to count for 1 second.
(3) Connect a 16-MHz oscillator to XIN.
(1) Setting the count start flag to “1” causes the counter to begin counting. The counter of
timer A0 performs a down count on count source f1.
(2) If the counter of timer A0 underflows, the counter reloads the content of the reload register
and continues counting. At this time, the timer A0 interrupt request bit goes to “1”. The
counter of timer A1 performs a down count on underflows in timer A0.
(3) If the counter of timer A1 underflows, the counter reloads the content of the reload register
and continues counting. At this time, the timer A1 interrupt request bit goes to “1”.
FFFF16
l
000016
l = reload register content
Timer A1 count
start flag
“1”
“0”
Timer A1 interrupt
request bit
“1”
“0”
Timer A0 interrupt
request bit
“1”
“0”
Timer A0 count
start flag
“1”
“0”
000016
n
FFFF16
Time
(1) Start count
Start count.
Time
n = reload register content
Set to “1” by software
Set to “1” by software
Cleard “0” by software
Cleared to “0” when interrupt request is accepted, or cleared by software
(2) Timer A0 underflow
(3) Timer A1 underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com