Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 118Page - Renesas Technology Corp M16C/62A Datasheet HTML 119Page - Renesas Technology Corp M16C/62A Datasheet HTML 120Page - Renesas Technology Corp M16C/62A Datasheet HTML 121Page - Renesas Technology Corp M16C/62A Datasheet HTML 122Page - Renesas Technology Corp M16C/62A Datasheet HTML 123Page - Renesas Technology Corp M16C/62A Datasheet HTML 124Page - Renesas Technology Corp M16C/62A Datasheet HTML 125Page - Renesas Technology Corp M16C/62A Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
1-103
Timer A4 output
Trigger signal for
timer Ai start
(timer B2 overflow
signal)
Timer B2
U phase
Dead time
A carrier wave of triangular waveform
Carrier wave
Signal wave
Timer B2 interrupt occurs
Rewriting timer A4 and timer A4-1.
Possible to set the number of overflows to generate an
interrupt by use of the interrupt occurrences frequency
set circuit
U phase
output signal
m
nn
mp
o
Note: Set to triangular wave modulation mode and to three-phase mode 1.
m
The three-phase
shift register
shifts in
synchronization
with the falling
edge of the timer
A4 output.
U phase
U phase
output signal
Control signal for
timer A4 reload
Figure 1.15.6. Timing chart of operation (1)
phase waveform. In this way, a waveform can be picked up from the applicable terminal in a manner in
__
which the "L" level of the U phase waveform doesn’t lap over that of the U phase waveform, which has the
opposite phase of the U phase waveform. The width of the “L” level too can be adjusted by varying the
___
___
values of timer B2, timer A4, and timer A4-1. In dealing with the V and W phases, and V and W phases,
the latter are of opposite phase of the former, have the corresponding timers work similarly to dealing with
___
the U and U phases to generate an intended waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com