Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62A Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 163Page - Renesas Technology Corp M16C/62A Datasheet HTML 164Page - Renesas Technology Corp M16C/62A Datasheet HTML 165Page - Renesas Technology Corp M16C/62A Datasheet HTML 166Page - Renesas Technology Corp M16C/62A Datasheet HTML 167Page - Renesas Technology Corp M16C/62A Datasheet HTML 168Page - Renesas Technology Corp M16C/62A Datasheet HTML 169Page - Renesas Technology Corp M16C/62A Datasheet HTML 170Page - Renesas Technology Corp M16C/62A Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
S I/O3, 4
1-148
Functions for setting an SOUTi initial value
When using an external clock for the transfer clock, the SOUTi pin output level during a non-transfer
time can be set to the high or the low state. Figure 1.16.33 shows the timing chart for setting an SOUTi
initial value and how to set it.
Figure 1.16.33. Timing chart for setting SOUTi’s initial value and how to set it
S I/Oi operation timing
Figure 1.16.34 shows the S I/Oi operation timing
D7
D0
D1
D2
D3
D4
D5
D6
(i= 3, 4)
(i= 3, 4)
Hiz
Hiz
(i= 3, 4)
1.5 cycle (max)
SI/Oi internal clock
Transfer clock
(Note 1)
Signal written to the S I/Oi
transmit/receive register
S I/Oi output SOUTi
S I/Oi input SINi
SI/Oi interrupt request
bit
Note2
Note 1: With the internal clock selected for the transfer clock, the frequency dividing ratio can be selected using bits 0 and 1 of the S I/Oi control
register. (i=3,4) (No frequency division, 8-division frequency, 32-division frequency.)
Note 2: With the internal clock selected for the transfer clock, the SOUTi (i = 3, 4) pin becomes to the high-impedance state after the transfer finishes.
Note 3: Shown above is the case where the SOUTi (i = 3, 4) port select bit =“1”.
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"1"
"0"
Figure 1.16.34. S I/Oi operation timing chart
S I/Oi port select bit SMi3 = 0
SOUTi initial value select bit
SMi7 = 1
(SOUTi: Internal
“H” level)
S I/Oi port select bit
SMi3 = 0
1
(Port select: Normal port
SOUTi)
SOUTi terminal = “H” output
Signal written to the S I/Oi register
=“L”
“H”
“L”
(Falling edge)
SOUTi terminal = Outputting
stored data in the S I/Oi transmission/
reception register
Signal written to the S I/Oi
transmit/receive register
SOUTi (internal)
SOUTi's initial value
set bit (SMi7)
SOUTi terminal output
S I/Oi port select bit
(SMi3)
Setting the SOUTi
initial value to H
Port selection
(normal port
SOUTi)
D0
(i = 3, 4)
Initial value = “H” (Note)
Port output
D0
(Example) With “H” selected for SOUTi:
Note: The set value is output only when the external clock has been selected. When
initializing SOUTi, make sure the CLKi pin input is held “H” level.
If the internal clock has been selected or if SOUT output disable has been set,
this output goes to the high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com