Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 417Page - Renesas Technology Corp M16C/62M Datasheet HTML 418Page - Renesas Technology Corp M16C/62M Datasheet HTML 419Page - Renesas Technology Corp M16C/62M Datasheet HTML 420Page - Renesas Technology Corp M16C/62M Datasheet HTML 421Page - Renesas Technology Corp M16C/62M Datasheet HTML 422Page - Renesas Technology Corp M16C/62M Datasheet HTML 423Page - Renesas Technology Corp M16C/62M Datasheet HTML 424Page - Renesas Technology Corp M16C/62M Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-104
UART
2.5.7 Error-permitted range range of transfer baud
<1ST-8DATA-1SP>
ST
D0
D7
SP
D0
ST
D7
SP
At the falling edge of ST, the transfer clock is
generated, and reception starts.
When the transfer rate of
the receive data is faster
than the rate of the transfer
clock on the receiver side
RxDi
(Receive data)
Transfer clock
(Receiver side)
1 clock
8 clocks
9.5 clocks
ST : Start bit
SP : Stop bit
∗ 1 period of BRGi's count source (Maximum)
••• According to the condition of the input timing,
a maximum of this period (
∗) can be omitted.
∗
SP must be detected at
this last rising edge of
the transfer clock.
When the transfer rate of
the receive data is slower
than the rate of the transfer
clock on the receiver side
1 clock
During reception, the receive data input to the RXDi pin is taken at the rising edge of the transfer clock.
Accordingly, in order to receive data correctly, the stop bit must be input when the transfer clock of one-
set receive data rises last. Figure 2.5.21 shows the relationship between the transfer clock and receive
data.
Figure 2.5.21 Relationship between transfer clock and receive data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com