Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 453Page - Renesas Technology Corp M16C/62M Datasheet HTML 454Page - Renesas Technology Corp M16C/62M Datasheet HTML 455Page - Renesas Technology Corp M16C/62M Datasheet HTML 456Page - Renesas Technology Corp M16C/62M Datasheet HTML 457Page - Renesas Technology Corp M16C/62M Datasheet HTML 458Page - Renesas Technology Corp M16C/62M Datasheet HTML 459Page - Renesas Technology Corp M16C/62M Datasheet HTML 460Page - Renesas Technology Corp M16C/62M Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-140
To carry out A-D conversion properly, charging the internal capacitor C shown in Figure 2.7.29 has to be
completed within a specified period of time. With T as the specified time, time T is the time that switches
SW2 and SW3 are connected to O in Figure 2.7.28. Let output impedance of sensor equivalent circuit be
R0, microcomputer’s internal resistance be R, precision (error) of the A-D converter be X, and the A-D
converter’s resolution be Y (Y is 1024 in the 10-bit mode, and 256 in the 8-bit mode).
Vc is generally VC = VIN {1 – e}
And when t = T,
VC=VIN –
VIN=VIN(1 –
)
e
=
–
=ln
Hence, R0 = –– R
With the model shown in Figure 2.7.29 as an example, when the difference between VIN and VC becomes
0.1LSB, we find impedance R0 when voltage between pins VC changes from 0 to VIN-(0.1/1024) VIN in
time T. (0.1/1024) means that A-D precision drop due to insufficient capacitor charge is held to 0.1LSB at
time of A-D conversion in the 10-bit mode. Actual error however is the value of absolute precision added
to 0.1LSB. When f(XIN) = 10 MHz, T = 0.3
µs in the A-D conversion mode with sample & hold. Output
impedance R0 for sufficiently charging capacitor C within time T is determined as follows.
T = 0.3
µs, R = 7.8 kΩ, C = 3 pF, X = 0.1, and Y = 1024 . Hence,
R0 = ––7.8 X103
3.0 X 103
2.7.15 Sensor’s Output Impedance under A-D Conversion
Thus, the allowable output impedance of the sensor circuit capable of thoroughly driving the A-D con-
verter turns out to be approximately 3.0 k
Ω. Tables 2.7.14 and 2.7.15 show output impedance values
based on the LSB values.
Figure 2.7.29 A circuit equivalent to the A-D conversion terminal
VC
C (3.0pF)
VIN
Microprocessor's inside
Sensor-equivalent circuit
R (7.8k )
R0
Ω
C (R0 +R)
T
C (R0 + R)
T
–
C (R0 + R)
t
–
Y
X
Y
X
Y
X
Y
X
C • ln
T
Y
X
3.0 X 10 –12 • ln
1024
0.1
0.3 X 10-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com