Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 473Page - Renesas Technology Corp M16C/62M Datasheet HTML 474Page - Renesas Technology Corp M16C/62M Datasheet HTML 475Page - Renesas Technology Corp M16C/62M Datasheet HTML 476Page - Renesas Technology Corp M16C/62M Datasheet HTML 477Page - Renesas Technology Corp M16C/62M Datasheet HTML 478Page - Renesas Technology Corp M16C/62M Datasheet HTML 479Page - Renesas Technology Corp M16C/62M Datasheet HTML 480Page - Renesas Technology Corp M16C/62M Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 615 page
background image
Address Match Interrupt
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-160
2.12.2 Operation of Address Match Interrupt
The following is an operation of address match interrupt. Figure 2.12.4 shows the set-up procedure of
address match interrupt, and Figure 2.12.5 shows the overview of the address match interrupt handling
routine.
Operation (1) The address match interrupt handling routine sets an address to be used to cause the ad-
dress match interrupt register to generate an interrupt.
(2) Setting the address match enable flag to “1” enables an interrupt to occur.
(3) An address match interrupt occurs immediately before the instruction in the address indicated
by the address match interrupt register as a program is executed.
Figure 2.12.4. Set-up procedure of address match interrupt
Can be set to “0000016” to “FFFFF16”
b7
b0
(b23)
(b16)
b7
b0
Address match interrupt register 0 [Address 001216 to 001016]
RMAD0
Address match interrupt register 1 [Address 001616 to 001416]
RMAD1
Setting address match interrupt enable register
Address match interrupt enable register [Address 000916]
AIER
Address match interrupt 0 enable bit
1: Interrupt enabled
b7
b0
Setting address match interrupt register
b7
b0
(b15)
(b8)
b4
(b20)
b3
(b19)
Address match interrupt 1 enable bit
1: Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com