Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 488Page - Renesas Technology Corp M16C/62M Datasheet HTML 489Page - Renesas Technology Corp M16C/62M Datasheet HTML 490Page - Renesas Technology Corp M16C/62M Datasheet HTML 491Page - Renesas Technology Corp M16C/62M Datasheet HTML 492Page - Renesas Technology Corp M16C/62M Datasheet HTML 493Page - Renesas Technology Corp M16C/62M Datasheet HTML 494Page - Renesas Technology Corp M16C/62M Datasheet HTML 495Page - Renesas Technology Corp M16C/62M Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 615 page
background image
Power Control
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-175
(3) Clearing stop mode and wait mode
The stop mode and wait mode can be cleared by generating an interrupt request, or by resetting
hardware. Set the priority level of the interrupt to be used for clearing, higher than the processor
interrupt priority level (IPL), set that of the interrupt to “0” not to be used for clearing, and enable the
interrupt enable flag (I flag). When an interrupt clears a mode, that interrupt is processed. Table
2.15.1 shows the interrupts that can be used for clearing a stop mode and wait mode.
(4) BCLK in returning from wait mode or stop mode
(a) Returning from wait mode
The processor immediately returns to the BCLK, which was in use before entering wait mode.
(b) Returning from stop mode
CM06 is set to “1” when the device enters stop mode after selecting the main clock for BCLK. CM17,
CM16, and CM07 do not change state. In this case, when restored from stop mode, the device starts
operating in divided-by-8 mode.
When the device enters stop mode after selecting the subclock for BCLK, CM06, CM17, CM16, and
CM07 all do not change state. In this case, when restored from stop mode, the device starts operat-
ing in low-speed mode.
Table 2.15.1. Interrupts available for clearing stop mode and wait mode
Can be used when an external clock is selected (UART0, UART1).
Can be used when an external clock in clock synchronous serial I/O mode is selected (UART2).
Can be used when the external signal is being counted in event counter mode.
Can be used in one-shot mode and one-shot sweep mode.
Can be used when an external clock is selected.
Can be used when count source is fC32.
When the MCU running in low-speed or low power dissipation mode, do not enter wait mode
with CM02 is set to “1”.
Note 1:
Note 2:
Note 3:
Note 4:
Note 5:
Note 6:
CM02 = 0
Possible
Impossible
Impossible
Possible
Note 3
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Note 1
Impossible
Impossible
Possible
Impossible
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 4
Note 4
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Possible
Possible
Possible
Possible
Possible
Possible
Possible
Bus collision detection interrupt
DMA0 interrupt
DMA1 interrupt
Key input interrupt
A-D interrupt
UART0 transmit interrupt
UART0 receive interrupt
UART1 transmit interrupt
UART1 receive interrupt
UART2 transmit interrupt
UART2 receive interrupt
SI/O3 interrupt
SI/O4 interrupt
Timer A0 interrupt
Timer A1 interrupt
Timer A2 interrupt
Timer A3 interrupt
Timer A4 interrupt
Timer B0 interrupt
Timer B1 interrupt
Timer B2 interrupt
Timer B3 interrupt
Timer B4 interrupt
Timer B5 interrupt
INT0 interrupt
INT1 interrupt
INT2 interrupt
INT3 interrupt
INT4 interrupt
INT5 interrupt
NMI interrupt
Wait mode
Interrupt for clearing
Stop mode
CM02 =1(Note 6),
CM07 = 0, CM05 = 0
Note 1
Impossible
Impossible
Possible
Impossible
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 4
Note 4
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Note 2, Note 5
Possible
Possible
Possible
Possible
Possible
Possible
Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com