Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 537Page - Renesas Technology Corp M16C/62M Datasheet HTML 538Page - Renesas Technology Corp M16C/62M Datasheet HTML 539Page - Renesas Technology Corp M16C/62M Datasheet HTML 540Page - Renesas Technology Corp M16C/62M Datasheet HTML 541Page - Renesas Technology Corp M16C/62M Datasheet HTML 542Page - Renesas Technology Corp M16C/62M Datasheet HTML 543Page - Renesas Technology Corp M16C/62M Datasheet HTML 544Page - Renesas Technology Corp M16C/62M Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-224
4.2.2 Chip Selects and Address Bus
_______
_______
Chip selects (P44/CS0 through P47/CS3) are output in areas resulting from dividing a 1-M byte
memory space into four. To use the chip select, the chip select output must be enabled by setting the
chip select control register. Figure 4.2.2 shows addresses in which chip selects become active (“L”).
Since the extent of the internal area and the external area in memory expansion mode is different from
_______
those in microprocessor mode, there is a difference between areas for which CS0 is output. When an
internal ROM/RAM area is being accessed, no chip select is output, and the address bus does not
change (the address of the external area that was accessed previously is held).
Figure 4.2.2. Addresses in which chip selects turn active (“L”)
0000016
003FF16
0040016
XXXXX16
03FFF16
0400016
07FFF16
0800016
27FFF16
2800016
2FFFF16
3000016
CFFFF16
D000016
YYYYY16
FFFFF16
SFR area
Internal RAM area
Internal reserved area
Internal reserved area
Internal ROM area
Memory expansion mode
Microprocessor mode
CS3
0400016 to 07FFF16 (16K)
CS2
0800016 to 27FFF16 (128K)
CS1
2800016 to 2FFFF16 (32K)
CS0
3000016 to CFFFF16 (640K)
3000016 to F7FFF16 (800K)
CS3
0400016 to 07FFF16 (16K)
CS2
0800016 to 27FFF16 (128K)
CS1
2800016 to 2FFFF16 (32K)
CS0
3000016 to FFFFF16 (832K)
Note : These memory maps show an instance in which PM13 is set to 0; but in the case of products in which the internal
RAM and the internal ROM are expanded to over 15 Kbytes and 192 Kbytes, respectively, they show an instance
in which PM13 is set to 1.
Address YYYYY16
3K bytes
00FFF16
053FF16
017FF16
013FF16
Address XXXXX16
ROM size
02BFF16
5K bytes
4K bytes
10K bytes
20K bytes
RAM size
32K bytes
C000016
E800016
F000016
E000016
96K bytes
64K bytes
128K bytes
256K bytes
F800016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com