Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62M Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 202Page - Renesas Technology Corp M16C/62M Datasheet HTML 203Page - Renesas Technology Corp M16C/62M Datasheet HTML 204Page - Renesas Technology Corp M16C/62M Datasheet HTML 205Page - Renesas Technology Corp M16C/62M Datasheet HTML 206Page - Renesas Technology Corp M16C/62M Datasheet HTML 207Page - Renesas Technology Corp M16C/62M Datasheet HTML 208Page - Renesas Technology Corp M16C/62M Datasheet HTML 209Page - Renesas Technology Corp M16C/62M Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
1-187
BCLK
CSi
ALE
RD
4ns.min
Hi–Z
DB
40ns.min
0ns.min
ADi
BHE
Read timing
BCLK
CSi
ALE
4ns.min
th(WR–AD)
ADi
BHE
(tcyc–40)ns.min
0ns.min
DBi
Write timing
td(BCLK–RD)
0ns.min
0ns.min
th(RD–AD)
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait)
Measuring conditions :
• VCC=5V
• Input timing voltage : Determined with: VIL=0.8V, VIH=2.5V
• Output timing voltage : Determined with: VOL=0.8V, VOH=2.0V
WR,WRL,
WRH
td(BCLK–CS)
25ns.max
tcyc
th(BCLK–CS)
4ns.min
th(RD–CS)
0ns.min
th(BCLK–AD)
td(BCLK–AD)
25ns.max
td(BCLK–ALE) 25ns.max
th(BCLK–ALE)
–4ns.min
th(BCLK–RD)
0ns.min
25ns.max
tac2(RD–DB)
th(RD–DB)
tSU(DB–RD)
td(BCLK–CS)
25ns.max
tcyc
th(BCLK–CS)
4ns.min
th(WR–CS)
0ns.min
th(BCLK–AD)
td(BCLK–AD)
25ns.max
td(BCLK–ALE)
25ns.max
th(BCLK–ALE)
–4ns.min
th(BCLK–WR)
0ns.min
td(BCLK–WR)
25ns.max
th(BCLK–DB)
4ns.min
td(BCLK–DB)
40ns.max
td(DB–WR)
th(WR–DB)
VCC = 5V
Figure 1.23.5. VCC = 5V timing diagram (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com