Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028F Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 376Page - Renesas Technology Corp H8/3028F Datasheet HTML 377Page - Renesas Technology Corp H8/3028F Datasheet HTML 378Page - Renesas Technology Corp H8/3028F Datasheet HTML 379Page - Renesas Technology Corp H8/3028F Datasheet HTML 380Page - Renesas Technology Corp H8/3028F Datasheet HTML 381Page - Renesas Technology Corp H8/3028F Datasheet HTML 382Page - Renesas Technology Corp H8/3028F Datasheet HTML 383Page - Renesas Technology Corp H8/3028F Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 923 page
background image
Rev. 2.00, 09/03, page 350 of 890
TIOCA2
TIOCA1
TIOCA0
GRA2
GRA1
GRB2
GRA0
GRB1
GRB0
Value of 16TCNT0
to 16TCNT2
Cleared by compare match with GRB0
H'0000
Figure 9.25 Synchronization (Example)
9.4.4
PWM Mode
In PWM mode GRA and GRB are paired and a PWM waveform is output from the TIOCA pin.
GRA specifies the time at which the PWM output changes to 1. GRB specifies the time at which
the PWM output changes to 0. If either GRA or GRB compare match is selected as the counter
clear source, a PWM waveform with a duty cycle from 0% to 100% is output at the TIOCA pin.
PWM mode can be selected in all channels (0 to 2).
Table 9.4 summarizes the PWM output pins and corresponding registers. If the same value is set
in GRA and GRB, the output does not change when compare match occurs.
Table 9.4
PWM Output Pins and Registers
Channel
Output Pin
1 Output
0 Output
0TIOCA0
GRA0
GRB0
1TIOCA1
GRA1
GRB1
2TIOCA2
GRA2
GRB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com