Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028F Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 467Page - Renesas Technology Corp H8/3028F Datasheet HTML 468Page - Renesas Technology Corp H8/3028F Datasheet HTML 469Page - Renesas Technology Corp H8/3028F Datasheet HTML 470Page - Renesas Technology Corp H8/3028F Datasheet HTML 471Page - Renesas Technology Corp H8/3028F Datasheet HTML 472Page - Renesas Technology Corp H8/3028F Datasheet HTML 473Page - Renesas Technology Corp H8/3028F Datasheet HTML 474Page - Renesas Technology Corp H8/3028F Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 923 page
background image
Rev. 2.00, 09/03, page 441 of 890
Bit 6—Timer Mode Select (WT/
IT
IT
IT
IT): Selects whether to use the WDT as a watchdog timer or
interval timer. If used as an interval timer, the WDT generates an interval timer interrupt request
when TCNT overflows. If used as a watchdog timer, the WDT generates a reset signal when
TCNT overflows.
Bit 6
WT/
IT
IT
IT
IT
Description
0
Interval timer: requests interval timer interrupts
(Initial value)
1
Watchdog timer: generates a reset signal
Bit 5—Timer Enable (TME): Selects whether TCNT runs or is halted. When WT/
IT = 1, clear
the software standby bit (SSBY) to 0 in SYSCR before setting TME. When setting SSBY to 1,
TME should be cleared to 0.
Bit 5
TME
Description
0
TCNT is initialized to H'00 and halted
(Initial value)
1
TCNT is counting
Bits 4 and 3—Reserved: These bits cannot be modified and are always read as 1.
Bits 2 to 0—Clock Select 2 to 0 (CKS2/1/0): These bits select one of eight internal clock sources,
obtained by prescaling the system clock (
φ), for input to TCNT.
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Description
000
φ/2
(Initial value)
1
φ /32
10
φ /64
1
φ /128
100
φ /256
1
φ /512
10
φ /2048
1
φ /4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com