Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028F Datasheet(PDF) 518 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 514Page - Renesas Technology Corp H8/3028F Datasheet HTML 515Page - Renesas Technology Corp H8/3028F Datasheet HTML 516Page - Renesas Technology Corp H8/3028F Datasheet HTML 517Page - Renesas Technology Corp H8/3028F Datasheet HTML 518Page - Renesas Technology Corp H8/3028F Datasheet HTML 519Page - Renesas Technology Corp H8/3028F Datasheet HTML 520Page - Renesas Technology Corp H8/3028F Datasheet HTML 521Page - Renesas Technology Corp H8/3028F Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 923 page
background image
Rev. 2.00, 09/03, page 488 of 890
Receiving Serial Data (Asynchronous Mode): Figure 13.7 shows a sample flowchart for
receiving serial data and indicates the procedure to follow.
Yes
Yes
No
No
<End>
All data received?
(2)
(1)
Initialize
(4)
(5)
(1)
(2)(3)
(4)
(5)
Start receiving
Error handling
Read ORER, PER, and FER
flags in SSR
PER
∨ FER ∨ OPER = 1
RDRF = 1
Read RDRF flag in SSR
(continued on next page)
Read receive data from RDR, and
clear RDRF flag to 0 in SSR
Yes
(3)
No
SCI initialization:
the receive data input function of the RxD
pin is selected automatically.
Receive error handling and break detection:
if a receive error occurs, read the ORER,
PER, and FER flags in SSR to identify the
error. After executing the necessary error
handling, clear the ORER, PER, and FER
flags all to 0. Receiving cannot resume if
any of these flags remains set to 1. When a
framing error occurs, the RxD pin can be
read to detect the break state.
SCI status check and receive data read:
read SSR, check that the RDRF flag is set
to 1, then read receive data from RDR and
clear the RDRF flag to 0. Notification that
the RDRF flag has changed from 0 to 1 can
also be given by the RXI interrupt.
To continue receiving serial data:
check the RDRF flag, read RDR, and clear
the RDRF flag to 0 before the stop bit of the
current frame is received. When the DMAC
is activated by a receive-data-full interrupt
request (RXI) to read RDR, the RDRF flag
is cleared automatically.
Clear RE bit to 0 in SCR
Figure 13.7 Sample Flowchart for Receiving Serial Data (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com