Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028F Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 521Page - Renesas Technology Corp H8/3028F Datasheet HTML 522Page - Renesas Technology Corp H8/3028F Datasheet HTML 523Page - Renesas Technology Corp H8/3028F Datasheet HTML 524Page - Renesas Technology Corp H8/3028F Datasheet HTML 525Page - Renesas Technology Corp H8/3028F Datasheet HTML 526Page - Renesas Technology Corp H8/3028F Datasheet HTML 527Page - Renesas Technology Corp H8/3028F Datasheet HTML 528Page - Renesas Technology Corp H8/3028F Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 923 page
background image
Rev. 2.00, 09/03, page 495 of 890
Read RDRF flag in SSR
No
Yes
Yes
Yes
No
Yes
Yes
No
No
No
Read ORER and FER flags
in SSR
(3)
(1)
(2)
(4)
(1)
(2)
(3)
(4)
(5)
RDRF = 1
FER
∨ ORER = 1
FER
∨ ORER = 1
Start receiving
Own ID?
<End>
RDRF = 1
Read RDRF flag in SSR
Finished receiving?
Read receive data from RDR
Yes
Clear RE bit to 0 in SCR
(5)
Error handling
(continued on next page)
SCI initialization:
the receive data input function of the
RxD pin is selected automatically.
ID receive cycle:
set the MPIE bit to 1 in SCR.
SCI status check and ID check:
read SSR, check that the RDRF flag
is set to 1, then read data from RDR
and compare it with the processor's
own ID. If the ID does not match, set
the MPIE bit to 1 again and clear the
RDRF flag to 0. If the ID matches,
clear the RDRF flag to 0.
SCI status check and data receiving:
read SSR, check that the RDRF flag
is set to 1, then read data from RDR.
Receive error handling and break
detection:
if a receive error occurs, read the
ORER and FER flags in SSR to
identify the error. After executing the
necessary error handling, clear the
ORER and FER flags both to 0.
Receiving cannot resume while either
the ORER or FER flag remains set to
1. When a framing error occurs, the
RxD pin can be read to detect the
break state.
No
Set MPIE bit to 1 in SCR
Read ORER and FER flags
in SSR
Read RDRF flag in SSR
Initialize
Figure 13.12 Sample Flowchart for Receiving Multiprocessor Serial Data (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com