Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028F Datasheet(PDF) 639 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 639 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 635Page - Renesas Technology Corp H8/3028F Datasheet HTML 636Page - Renesas Technology Corp H8/3028F Datasheet HTML 637Page - Renesas Technology Corp H8/3028F Datasheet HTML 638Page - Renesas Technology Corp H8/3028F Datasheet HTML 639Page - Renesas Technology Corp H8/3028F Datasheet HTML 640Page - Renesas Technology Corp H8/3028F Datasheet HTML 641Page - Renesas Technology Corp H8/3028F Datasheet HTML 642Page - Renesas Technology Corp H8/3028F Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 923 page
background image
Rev. 2.00, 09/03, page 609 of 890
3. All blocks are unerasable and block-by-block specification is not possible.
4. See section 4.2.2, Reset Sequence, and section 18.11, Flash Memory Programming
and Erasing Precautions. The H8/3028F-ZTAT requires a minimum of 20 system clock
cycles for a reset during operation.
18.7.2
Software Protection
Software protection can be implemented by setting the erase block register 1 (EBR1), erase block
register 2 (EBR2), and the RAMS bit in the RAM control register (RAMCR). With software
protection, setting the P or E bit in the flash memory control register 1 (FLMCR1) does not cause
a transition to program mode or erase mode. (See table 18.9.)
Table 18.9 Software Protection
Functions
Item
Description
Program
Erase
Verify
Block
protection
• Erase protection can be set for individual
blocks by settings in erase block register 1
(EBR1) and erase block register 2
(EBR2)*
2. However, programming
protection is disabled.
• Setting EBR1 and EBR2 to H'00 places all
blocks in the erase-protected state.
—Not
possible
Possible
Emulation
protection
• Setting the RAMS bit 1 in RAMCR places
all blocks in the program/erase-protected
state.
Not
possible*
1
Not
possible*
3
Possible
Notes: 1. The RAM area overlapping flash memory can be written to.
2. When not erasing, set EBR1 and EBR2 to H'00.
3. All blocks are unerasable and block-by-block specification is not possible.
18.7.3
Error Protection
In error protection, an error is detected when MCU runaway occurs during flash memory
programming/erasing*1, or operation is not performed in accordance with the program/erase
algorithm, and the program/erase operation is aborted. Aborting the program/erase operation
prevents damage to the flash memory due to overprogramming or overerasing.
If the MCU malfunctions during flash memory programming/erasing, the FLER bit is set to 1 in
the flash memory status register (FLMSR2) and the error protection state is entered. FLMCR1,
FLMCR2, EBR1, and EBR2 settings*3 are retained, but program mode or erase mode is aborted at
the point at which the error occurred. Program mode or erase mode cannot be re-entered by re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com