Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3028F Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 247Page - Renesas Technology Corp H8/3028F Datasheet HTML 248Page - Renesas Technology Corp H8/3028F Datasheet HTML 249Page - Renesas Technology Corp H8/3028F Datasheet HTML 250Page - Renesas Technology Corp H8/3028F Datasheet HTML 251Page - Renesas Technology Corp H8/3028F Datasheet HTML 252Page - Renesas Technology Corp H8/3028F Datasheet HTML 253Page - Renesas Technology Corp H8/3028F Datasheet HTML 254Page - Renesas Technology Corp H8/3028F Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 923 page
background image
Rev. 2.00, 09/03, page 221 of 890
Figure 7.9 shows a sample setup procedure for normal mode.
1.
2.
3.
4.
5.
6.
7.
8.
9.
Set the initial source address in MARA.
Set the initial destination address in MARB.
Set the transfer count in ETCRA.
Set the DTCRB bits as follows.
Set the DTCRA bits as follows.
Read DTCRB with DTME cleared to 0.
Normal mode
Normal mode
Set initial source address
Set initial destination address
Set transfer count
Set DTCRB (1)
Set DTCRA (1)
Read DTCRB
Set DTCRB (2)
Read DTCRA
Set DTCRA (2)
1
2
3
4
5
6
7
8
9
•
•
•
•
•
•
•
•
Clear the DTME bit to 0.
Set the DAID and DAIDE bits to select whether
MARB is incremented, decremented, or held fixed.
Select the DMAC activation source with bits
DTS2B to DTS0B.
Clear the DTE bit to 0.
Select byte or word size with the DTSZ bit.
Set the SAID and SAIDE bits to select whether
MARA is incremented, decremented, or held fixed.
Set or clear the DTIE bit to enable or disable the
CPU interrupt at the end of the transfer.
Clear the DTS0A bit to 0 and set the DTS2A
and DTS1A bits to 1 to select normal mode.
Set the DTME bit to 1 in DTCRB.
Read DTCRA with DTE cleared to 0.
Set the DTE bit to 1 in DTCRA to enable the transfer.
Note: Carry out settings 1 to 9 with the DEND interrupt masked in the CPU.
If an NMI interrupt occurs during the setup procedure, it may clear the DTME bit to 0, in
which case the transfer will not start.
Figure 7.9 Normal Mode Setup Procedure (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com