Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046F7HKP Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # M38046F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046F7HKP Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button M38046F7HKP Datasheet HTML 228Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 229Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 230Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 231Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 232Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 233Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 234Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 235Page - Renesas Technology Corp M38046F7HKP Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 387 page
background image
2-108
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
➀ Reception of START condition; Transmission of ACK bit due to slave address correspondence
In the case of operation as the slave, all processes are performed in the interrupt after setting of
the slave reception in the main process, because an interrupt request does not occur until
correspondence of a slave address.
In the first interrupt, after confirming correspondence of the slave address, write dummy data to
receive a command into the I2C data shift register.
Fig. 2.5.29 Reception process of START condition and slave address
AAS (address 001316), bit 2 ?
1 (corresponded)
0 (not corresponded)
End
S0 (address 001116)
← 111111112
Error processing
PIN (address 001316), bit 4 ?
1 (STOP condition)
0 (slave address received)
1
S1 (address 001316)
← 000100002
• Judgment of bus hold
• Judgment of slave address correspondence
• Slave receive mode set
• Dummy data write to I2C data shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com