Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047F7HKP Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # M38047F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047F7HKP Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button M38047F7HKP Datasheet HTML 270Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 271Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 272Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 273Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 274Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 275Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 276Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 277Page - Renesas Technology Corp M38047F7HKP Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 387 page
background image
2-150
APPLICATION
2.12 Standby function
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(2)
Release of stop mode
The stop mode is released by a reset input or by the occurrence of an interrupt request. Note the
differences in the restoration process according to reset input or interrupt request, as described
below.
sRestoration by reset input
The stop mode is released by holding the RESET pin to the “L” input level during the stop mode.
Oscillation is started when all ports are in the input state and the stop mode of the main clock (XIN-
XOUT) is released.
Oscillation is unstable when restarted. For this reason, time for stabilizing of oscillation (oscillation
stabilizing time) is required. The input of the RESET pin should be held at the “L” level until oscillation
stabilizes.
When the RESET pin is held at the “L” level for 16 cycles or more of XIN after the oscillation has
stabilized, the microcomputer will go to the reset state. After the input level of the RESET pin is
returned to “H”, the reset state is released in approximately 10.5 to 18.5 cycles of the XIN input.
Figure 2.12.1 shows the oscillation stabilizing time at restoration by reset input.
At release of the stop mode by reset input, the internal RAM retains its contents previous to the
reset. However, the previous contents of the CPU register and SFR are not retained.
For more details concerning reset, refer to “2.10 Reset”.
Fig. 2.12.1 Oscillation stabilizing time at restoration by reset input
Vcc
RESET
XIN
Stop mode
Oscillation
stabilizing time
16 cycles or
more of XIN
Operating mode
Time to hold internal reset state =
approximately 10.5 to 18.5 cycles of XIN input
Execute Stop instruction
(Note)
Note: Some cases may occur in which no waveform is input to XIN (in low-speed mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com