Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38048F7HKP Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # M38048F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048F7HKP Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button M38048F7HKP Datasheet HTML 269Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 270Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 271Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 272Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 273Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 274Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 275Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 276Page - Renesas Technology Corp M38048F7HKP Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 387 page
background image
2-149
APPLICATION
2.12 Standby function
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.12 Standby function
The 3804 group (Spec. H) is provided with standby functions to stop the CPU by software and put the CPU
into the low-power operation.
The following two types of standby functions are available.
•Stop mode using STP instruction
•Wait mode using WIT instruction
2.12.1 Stop mode
The stop mode is set by executing the STP instruction. In the stop mode, the oscillation of both clocks (XIN–
XOUT, XCIN–XCOUT) stop and the internal clock
φ stops at the “H” level. The CPU stops and peripheral units
stop operating. As a result, power dissipation is reduced.
(1)
State in stop mode
Table 2.12.1 shows the state in the stop mode.
Table 2.12.1 State in stop mode
Item
Oscillation
CPU
Internal clock
φ
I/O ports P0–P6
Timer
PWM
Watchdog timer
Serial I/O1, Serial I/O2, Serial I/O3
I2C-BUS interface
A/D converter
D/A converter
State in stop mode
Stopped.
Stopped.
Stopped at “H” level.
Retains the state at the STP instruction execution.
Stopped. (Timers 1, 2, X, Y, Z)
However, Timers X, Y, Z can be operated in the event counter
mode.
Stopped.
Stopped.
Stopped.
However, these can be operated only when an external clock
is selected.
Stopped.
Stopped.
Retains output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com