Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38040F8HKP Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # M38040F8HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040F8HKP Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button M38040F8HKP Datasheet HTML 215Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 216Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 217Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 218Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 219Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 220Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 221Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 222Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 387 page
background image
2-95
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.5.4 Communication format
Figure 2.5.17 shows an I2C-BUS communication format example.
The I2C-BUS consists of the following:
•START condition to indicate communication start
•Slave address and data to specify each device
•ACK to indicate acknowledgment of address and data
•STOP condition to indicate communication completion.
Fig. 2.5.17 I2C-BUS communication format example
(1)
START condition
When communication starts, the master device outputs the START condition to the slave device. The
I2C-BUS defines that data can be changed when a clock line is “L”. Accordingly, data change when
a clock line is “H” is treated as STOP or START condition.
The data line change from “H” to “L” when a clock line is “H” is START condition.
(2)
STOP condition
Just as in START condition, the data line change from “L” to “H” when a clock line is “H” is STOP
condition.
The term from START condition to STOP condition is called “Bus busy”. The master device is
inhibited from starting data transfer during that term.
The Bus busy status can be judged by using the BB flag of I2C status register (bit 5 of address 001316).
(3)
Slave address
The slave address is transmitted after START condition. This address consists of 7 bits and the 7-
th bit functions as the read/write (R/W) bit which indicates a data transmission method. The slave
devices connected with the same I2C-BUS must have their addresses, individually. It is because that
address is defined for the master to specify the transmitted/received slave device.
The read/write (R/W) bit indicates a data transmission direction; “L” means write from the master to
the slave, and “H” means read in.
(4)
Data
The data has an 8-bit length. There are two cases depending on the read/write (R/W) bit of a slave
address; one is from the master to the slave and the other is from the slave to the master.
S
R/W A
A
A
SCL
SDA
P
Start
ACK
W
ACK
ACK
Stop
Bus busy term
Slave address
7 bits
Data
8 bits
Data
8 bits
Addresses 0 to 6Data 0 to 7
Data 0 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com