Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38040F8HKP Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # M38040F8HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040F8HKP Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button M38040F8HKP Datasheet HTML 221Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 222Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 223Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 224Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 225Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 226Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 227Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 228Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 387 page
background image
2-101
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➀ Generating of START condition; Transmission of slave address + write bit
After confirming that other master devices do not use the bus, generate the START condition,
because the SMBUS is a multi-master.
Write “slave address + write bit” to the I2C data shift register (address 001116) before performing
to make the START condition generate. It is because the SCL of 1-byte unit is output, following
occurrence of the START condition.
If other master devices start communication until an occurrence of the START condition after
confirming the bus use, it cannot communicate correctly. However in this case, that situation does
not affect other master devices owing to detection of an arbitration lost or the START condition
duplication preventing function.
Fig. 2.5.22 Generating of START condition and transmission process of slave address + write bit
BB (address 001316), bit5 ? (Note 2)
0 (not used)
1 (used)
End
(A)
←000100002
SEI (Note 1)
S0 (address 001116)
← (A)
S1 (address 001316)
←111100002
CLI (Note 1)
1
• Interrupts disabled
• Bus use confirmation
• START condition occurrence
• Slave address value write
• Interrupt enabled
Notes 1: In this example, the SEI instruction to disable interrupts need not be executed
because this processing is going to be performed in the interrupt processing.
When the START condition is generated out of the interrupt processing, execute
the SEI instruction to disable interrupts.
2: Use the branch bit instruction to confirm bus busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com