Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38040FAHKP Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # M38040FAHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040FAHKP Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button M38040FAHKP Datasheet HTML 378Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 379Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 380Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 381Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 382Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 383Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 384Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 385Page - Renesas Technology Corp M38040FAHKP Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 387 page
background image
3-92
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.7 Machine instructions
Addition
Subtraction
Multiplication
Division
Logical OR
Logical AND
Logical exclusive OR
Negation
Shows direction of data flow
Index register X
Index register Y
Stack pointer
Program counter
Processor status register
8 high-order bits of program counter
8 low-order bits of program counter
8 high-order bits of address
8 low-order bits of address
FF in Hexadecimal notation
Immediate value
Zero page address
Memory specified by address designation of any ad-
dressing mode
Memory of address indicated by contents of index
register X
Memory of address indicated by contents of stack
pointer
Contents of memory at address indicated by ADH and
ADL, in ADH is 8 high-order bits and ADL is 8 low-or-
der bits.
Contents of address indicated by zero page ADL
Bit i (i = 0 to 7) of accumulator
Bit i (i = 0 to 7) of memory
Opcode
Number of cycles
Number of bytes
Implied addressing mode
Immediate addressing mode
Accumulator or Accumulator addressing mode
Accumulator bit addressing mode
Accumulator bit relative addressing mode
Zero page addressing mode
Zero page bit addressing mode
Zero page bit relative addressing mode
Zero page X addressing mode
Zero page Y addressing mode
Absolute addressing mode
Absolute X addressing mode
Absolute Y addressing mode
Indirect absolute addressing mode
Zero page indirect absolute addressing mode
Indirect X addressing mode
Indirect Y addressing mode
Relative addressing mode
Special page addressing mode
Carry flag
Zero flag
Interrupt disable flag
Decimal mode flag
Break flag
X-modified arithmetic mode flag
Overflow flag
Negative flag
IMP
IMM
A
BIT, A
BIT, A, R
ZP
BIT, ZP
BIT, ZP, R
ZP, X
ZP, Y
ABS
ABS, X
ABS, Y
IND
ZP, IND
IND, X
IND, Y
REL
SP
C
Z
I
D
B
T
V
N
Symbol
Contents
Symbol
Contents
+
–
✽
/
V
V
–
–
←
X
Y
S
PC
PS
PCH
PCL
ADH
ADL
FF
nn
zz
M
M(X)
M(S)
M(ADH, ADL)
M(00, ADL)
Ai
Mi
OP
n
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com