Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38040FFHKP Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # M38040FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040FFHKP Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button M38040FFHKP Datasheet HTML 376Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 377Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 378Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 379Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 380Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 381Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 382Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 383Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 387 page
background image
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A
ZP
BIT, ZP
OP n# OP n# OP n# OP n# OP n#
OP n
#
3-90
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.7 Machine instructions
When T = 0, this instruction subtracts the
value of M and the complement of C from A,
and stores the results in A and C.
When T = 1, the instruction subtracts the con-
tents of M and the complement of C from the
contents of M(X), and stores the results in
M(X) and C.
A remain unchanged, but status flag are
changed.
M(X) represents the contents of memory
where is indicated by X.
This instruction sets the designated bit i of A
or M.
This instruction sets C.
This instruction set D.
This instruction set I.
This instruction set T.
This instruction stores the contents of A in M.
The contents of A does not change.
This instruction resets the oscillation control F/
F and the oscillation stops. Reset or interrupt
input is needed to wake up from this mode.
This instruction stores the contents of X in M.
The contents of X does not change.
This instruction stores the contents of Y in M.
The contents of Y does not change.
This instruction stores the contents of A in X.
The contents of A does not change.
This instruction stores the contents of A in Y.
The contents of A does not change.
This instruction tests whether the contents of
M are “0” or not and modifies the N and Z.
This instruction transfers the contents of S in
X.
This instruction stores the contents of X in A.
This instruction stores the contents of X in S.
This instruction stores the contents of Y in A.
The WIT instruction stops the internal clock
but not the oscillation of the oscillation circuit
is not stopped.
CPU starts its function after the Timer X over
flows (comes to the terminal count). All regis-
ters or internal memory contents except Timer
X will not change during this mode. (Of course
needs VDD).
SBC
(Note 1)
(Note 5)
SEB
SEC
SED
SEI
SET
STA
STP
STX
STY
TAX
TAY
TST
TSX
TXA
TXS
TYA
WIT
When T = 0
_
A
← A – M – C
When T = 1
_
M(X)
← M(X) – M – C
Ai or Mi
← 1
C
← 1
D
← 1
I
← 1
T
← 1
M
← A
M
← X
M
← Y
X
← A
Y
← A
M = 0?
X
← S
A
← X
S
← X
A
← Y
85
86
84
64
4
4
4
3
2
2
2
2
Notes 1 : The number of cycles “n” is increased by 3 when T is 1.
2 : The number of cycles “n” is increased by 2 when T is 1.
3 : The number of cycles “n” is increased by 1 when T is 1.
4 : The number of cycles “n” is increased by 2 when branching has occurred.
5 : N, V, and Z flags are invalid in decimal operation mode.
E9 2
2
0B
+
20i
0F
+
20i
21
52
E5 3
2
38
F8
78
32
2
2
2
2
1
1
1
1
42
AA
A8
BA
8A
9A
98
C2
2
2
2
2
2
2
2
2
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com