Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38040FFHKP Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # M38040FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040FFHKP Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button M38040FFHKP Datasheet HTML 263Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 264Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 265Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 266Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 267Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 268Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 269Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 270Page - Renesas Technology Corp M38040FFHKP Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 387 page
background image
2-143
APPLICATION
2.10 Reset
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.10 Reset
2.10.1 Connection example of reset IC
Fig. 2.10.1 Example of poweron reset circuit
Figure 2.10.2 shows the system example which switches to the RAM backup mode by detecting a drop of
the system power source voltage with the INT interrupt.
Fig. 2.10.2 RAM backup system
VCC
RESET
1
5
RESET
INT
Cd
VCC1
VCC2
V1
GND
2
6
3
7
M62009L,M62009P,M62009FP
4
INT
VSS
System power
source voltage
+5 V
+
3804 Group
(Spec. H)
VCC
RESET
VSS
M62022L
GND
1
3
4
5
0.1
µF
Power source
Output
Delay capacity
3804 Group (Spec. H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com