| Electronic Components Datasheet Search |
|
M38047FFHKP Datasheet(PDF) 219 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38047FFHKP Datasheet(HTML) 219 Page - Renesas Technology Corp |
|
219 / 387 page ![]() 2-95 APPLICATION 2.5 Multi-master I2C-BUS interface Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) 2.5.4 Communication format Figure 2.5.17 shows an I2C-BUS communication format example. The I2C-BUS consists of the following: •START condition to indicate communication start •Slave address and data to specify each device •ACK to indicate acknowledgment of address and data •STOP condition to indicate communication completion. Fig. 2.5.17 I2C-BUS communication format example (1) START condition When communication starts, the master device outputs the START condition to the slave device. The I2C-BUS defines that data can be changed when a clock line is “L”. Accordingly, data change when a clock line is “H” is treated as STOP or START condition. The data line change from “H” to “L” when a clock line is “H” is START condition. (2) STOP condition Just as in START condition, the data line change from “L” to “H” when a clock line is “H” is STOP condition. The term from START condition to STOP condition is called “Bus busy”. The master device is inhibited from starting data transfer during that term. The Bus busy status can be judged by using the BB flag of I2C status register (bit 5 of address 001316). (3) Slave address The slave address is transmitted after START condition. This address consists of 7 bits and the 7- th bit functions as the read/write (R/W) bit which indicates a data transmission method. The slave devices connected with the same I2C-BUS must have their addresses, individually. It is because that address is defined for the master to specify the transmitted/received slave device. The read/write (R/W) bit indicates a data transmission direction; “L” means write from the master to the slave, and “H” means read in. (4) Data The data has an 8-bit length. There are two cases depending on the read/write (R/W) bit of a slave address; one is from the master to the slave and the other is from the slave to the master. S R/W A A A SCL SDA P Start ACK W ACK ACK Stop Bus busy term Slave address 7 bits Data 8 bits Data 8 bits Addresses 0 to 6Data 0 to 7 Data 0 to 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |