Electronic Components Datasheet Search |
|
G-5C Datasheet(PDF) 2 Page - Vishay Siliconix |
|
G-5C Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 3 page G, GN Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated Vishay Dale Document Number: 30205 For technical questions, contact: ww2bresistors@vishay.com www.vishay.com Revision: 22-Mar-06 151 DIMENSIONS in inches [millimeters] Notes (1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown (2) L1 max. dimension is clean lead to clean lead MATERIAL SPECIFICATIONS Element: Copper-nickel alloy or nickel-chrome alloy, depending on resistance value Core: Ceramic, beryllium oxide or alumina, depending on resistor model Coating: Special high temperature silicone Standard Terminals: 100 % Sn, or 60/40 Sn/Pb coated Copperweld® End Caps: Stainless steel Part Marking: DALE, model, wattage (1), value, tolerance, date code Notes (1) Wattage marked on part will be “U” characteristic • Military (RW) parts are only available with 60/40 Sn/Pb finishc GN NON-INDUCTIVE Models of equivalent physical and electrical specifications are available with non-inductive (Aryton-Perry) winding. They are identified by inserting the letter N after G in the model number (GN-5, for example). Two conditions apply: 1. For GN models, divide maximum resistance values by two 2. Body O.D. on GN-5C may exceed that of the G-5C by 0.010" TERMINATION When G resistors will be operated at full rated power, resistance welding or high temperature solder are the recommended termination methods. Termination should be made within 1/2" from end of resistor body. GLOBAL MODEL DIMENSIONS in inches [millimeters] LL1 max. (2) CD G-1-80 G-1-380 0.250 ± 0.031 [6.35 ± 0.787] 0.281 [7.14] 0.085 ± 0.020 [2.16 ± 0.508] 0.020 ± 0.002 [0.508 ± 0.051] G2 0.312 ± 0.016 [7.92 ± 0.406] 0.328 [8.33] 0.078 + 0.016 - 0.031 [1.98 + 0.406 - 0.787] 0.020 ± 0.002 [0.508 ± 0.051] G-3-80 G-3-380 0.406 ± 0.031 [10.31 ± 0.787] 0.437 [11.10] 0.094 ± 0.031 [2.39 ± 0.787] 0.020 ± 0.002 [0.508 ± 0.051] G-5 0.562 ± 0.062 [14.27 ± 1.57] 0.622 [15.80] 0.188 ± 0.032 [4.78 ± 0.813] 0.032 ± 0.002 [0.813 ± 0.051] G-5C 0.500 ± 0.062 [12.70 ± 1.57] 0.593 [15.06] 0.218 ± 0.032 [5.54 ± 0.813] 0.040 ± 0.002 [1.02 ± 0.051] G-10 0.875 ± 0.062 [22.23 ± 1.57] 1.0 [25.4] 0.312 ± 0.032 [7.92 ± 0.813] 0.040 ± 0.002 [1.02 ± 0.051] C D L 1.50 [38.10] (1) min. L 1 - 65 - 50 0 50 150 250 350 AMBIENT TEMPERATURE IN °C Derating 120 100 80 60 40 20 0 CHAR. V CHAR. U 25 PERFORMANCE TEST CONDITIONS OF TEST TEST LIMITS (CHARACTERISTIC U) Thermal Shock Rated power applied until thermally stable, then a min. of 15 min at - 55 °C ± (0.2 % + 0.05 Ω) ΔR Short Time Overload 5 x power (G-1-80 thru G-5C), 10 x power (G-10) for 5 s ± (0.2 % + 0.05 Ω) ΔR Dielectric Withstanding Voltage 1000 Vrms, 1 min ± (0.1 % + 0.05 Ω) ΔR Low Temperature Storage - 65 °C for 24 h ± (0.2 % + 0.05 Ω) ΔR High Temperature Exposure 250 h at + 250 °C (Characteristic U) ± (0.5 % + 0.05 Ω) ΔR Moisture Resistance MIL-STD-202 Method 106, 7b not applicable ± (0.2 % + 0.05 Ω) ΔR Shock, Specified Pulse MIL-STD-202 Method 213, 100 g's for 6 ms, 10 shocks ± (0.1 % + 0.05 Ω) ΔR Vibration, High Frequency Frequency varied 10 to 2000 Hz, 20 g peak, 2 directions 6 h each ± (0.1 % + 0.05 Ω) ΔR Load Life 2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF” ± (0.5 % + 0.05 Ω) ΔR Terminal Strength 5 to 10 s, 5 or 10 lb pull test (depending on size), torsion test - 3 alternating directions, 360° each ± (0.1 % + 0.05 Ω) ΔR |
Similar Description - G-5C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |