Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 114Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 115Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 116Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 117Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 118Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 119Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 120Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 121Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 208 page
background image
118
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Reset Value = 1000 0000b when UEPNUM = 0
Reset Value = 0000 0000b otherwise
Table 68.
USB Endpoint Number - UEPNUM (S:C7h)
76
54
32
10
-
-
-
-
EPNUM3
EPNUM2
EPNUM1
EPNUM0
Bit Number
Bit Mnemonic
Description
7 - 4
-
Reserved
The value read from these bits is always 0. Do not change these bits.
3 - 0
EPNUM[3:0]
Endpoint Number
Set this field with the number of the endpoint which should be accessed when reading or writing to, USB Byte
Count Register X (X=EPNUM set in UEPNUM Register) - UBYCTX (S:E2h) or USB Endpoint X Control Register -
UEPCONX (S:D4h). This value can be 0, 1, 2, 3, 4, 5 or 6.
Table 69.
USB Endpoint X Control Register - UEPCONX (S:D4h)
76
54
32
10
EPEN
NAKIEN
NAKOUT
NAKIN
DTGL
EPDIR
EPTYPE1
EPTYPE0
Bit Number
Bit Mnemonic
Description
7
EPEN
Endpoint Enable
Set this bit to enable the endpoint according to the device configuration. Endpoint 0 will always be enabled after
a hardware or USB bus reset and participate in the device configuration.
Clear this bit to disable the endpoint according to the device configuration.
6NAKIEN
NAK Interrupt Enable
Set this bit to enable NAKIN and NAKOUT Interrupt.
Clear this bit to disable NAKIN and NAKOUT Interrupt.
5NAKOUT
NAK OUT Sent
This bit is set by hardware when the a NAK handshake is sent by the USB controller to an OUT request from
the Host. This generates an interrupt if the NAKIEN bit is set.
This bit shall be cleared by software.
4NAKIN
NAK IN Sent
This bit is set by hardware when the a NAK handshake is sent by the USB controller to an IN request from the
Host. This generates an interrupt if the NAKIEN bit is set.
This bit shall be cleared by software.
3DTGL
Data Toggle (Read-only)
This bit is set by hardware when a valid DATA0 packet is received and accepted.
This bit is cleared by hardware when a valid DATA1 packet is received and accepted.
2EPDIR
Endpoint Direction
Set this bit to configure IN direction for Bulk, Interrupt and Isochronous endpoints.
Clear this bit to configure OUT direction for Bulk, Interrupt and Isochronous endpoints.
This bit has no effect for Control endpoints.
1-0
EPTYPE[1:0]
Endpoint Type
Set this field according to the endpoint configuration (Endpoint 0 will always be configured as control):
00Control endpoint
01Isochronous endpoint
10Bulk endpoint
11Interrupt endpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com