Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 139Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 140Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 141Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 142Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 143Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 144Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 145Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 146Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 208 page
background image
143
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Serial Peripheral Status Register
(SPSTA)
The
Serial Peripheral Status Register contains flags to signal the following
conditions:
•
Data transfer complete
•
Write collision
•
Inconsistent logic level on SS pin (mode fault error)
Reset Value = 00X0XXXXb
Table 86.
Serial Peripheral Status and Control Register - SPSTA (C4h)
7654
3210
SPIF
WCOL
SSERR
MODF
-
-
-
-
Bit
Number
Bit
Mnemonic
R/W
Mode
Description
7SPIF
R
Serial Peripheral data transfer flag
Clear by hardware to indicate data transfer is in progress or has been
approved by a clearing sequence.
Set by hardware to indicate that the data transfer has been completed.
6WCOL
R
Write Collision flag
Cleared by hardware to indicate that no collision has occurred or has
been approved by a clearing sequence.
Set by hardware to indicate that a collision has been detected.
5
SSERR
R
Synchronous Serial Slave Error flag
Set by hardware when SS is modified before the end of a received data.
Cleared by disabling the SPI (clearing SPEN bit in SPCON).
4MODF
R
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic
level, or has been approved by a clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level
3 - 0
-
RW
Reserved
The value read from this bit is indeterminate. Do not change these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com